Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP21-S20-DC24V-10A Datasheet(PDF) 3 Page - ETAL Group

No. de pieza SMP21-S20-DC24V-10A
Descripción Electrónicos  The devices switches over automatically when connected to AC 115 V AC and 230 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETAL [ETAL Group]
Página de inicio  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP21-S20-DC24V-10A Datasheet(HTML) 3 Page - ETAL Group

  SMP21-S20-DC24V-10A Datasheet HTML 1Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 2Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 3Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 4Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 5Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP21 DC24V/10A
www.e-t-a.de
1646
3
3
Switched mode power supply for DIN rail mounting type SMP21 DC24V/10A
L1
V+
V+
V-
V-
RDY
C
RDY
No
N
PE
10 A
~
Mounting and Installation
Mounting
snap onto DIN rail (TS35/7.5 or
TS35/15)
Ventilation / cooling
normal air convection, recommended
distance on each side 25 mm
Mounting position
wall-mounted with the input terminals
pointing downwards (see dimensions)
Version L20 with screw terminals:
Screw terminals
input terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
output terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
Tightening torque
input connector 1 Nm max.
Output terminal 0.6 Nm max.
Wire stripping length
8 mm
Version S20 with removeable plug
Screw terminals
input terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
output terminal
AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid
Tightening torque
input connector 0.5 Nm max.
Output connector 0.8 Nm max.
Wire stripping length
4…5 mm
Pin assignment – Display - Controls
pin no.
name
Description
1
RDY
limit value DC ON, relay contact (make
contact)
2
3.4
V +
output voltage +
5.6
V -
output voltage -
7
PE
earth conductor
8
N
Input voltage, neutral conductor
(not polarised with DC input voltage)
9
L
Input voltage, phase conductor
(not polarised with DC input voltage)
DC ON
visual status indication with LED
DC LO
DC LOW output voltage LED indication
Vout Adj
potentiometer for adjustment of output
voltage U0
S/P
change-over switch single / parallel mode
Schematic diagram
Vo+
Vo-
Vout
ADJ.
DC ON
(Green LED)
Output
Level
Detection
Reference &
Error Amp.
Over Voltage
Level
Detection
Current
Detection
Opto-
Isolation
Opto-
Isolation
Rectifier
Switching
Device
Smoothing
Circuit
PWM
Controller
P.F.C
Circuit
Inrush Current
Limiter&Rectifier
and Auto Select
115/230 V
Filter
Fuse
DC LOW
(Red LED)
RDY
(Relay Contact)
Single/Parallel
select
L
N
Y


Número de pieza similar - SMP21-S20-DC24V-10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
SMP21-S20-DC24V-20A ETAL-SMP21-S20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
SMP21-S20-DC24V-5A ETAL-SMP21-S20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
More results

Descripción similar - SMP21-S20-DC24V-10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
logo
Schneider Electric
140CPS12400 SCHNEIDER-140CPS12400 Datasheet
117Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022
140CPS12420 SCHNEIDER-140CPS12420 Datasheet
117Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022
STBPDT2100K SCHNEIDER-STBPDT2100K Datasheet
131Kb / 5P
   standard power distribution kit STB - 115..230 V AC
Apr 8, 2022
140CPS11420 SCHNEIDER-140CPS11420 Datasheet
121Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - summable or standalone
Apr 12, 2022
STBDRC3210K SCHNEIDER-STBDRC3210K Datasheet
141Kb / 5P
   standard digital output kit STB - 24 V 115..230 V AC DC - 2 O
Apr 8, 2022
LC1D115P5 SCHNEIDER-LC1D115P5 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 230 V AC 50 Hz coil
140CRA21110 SCHNEIDER-140CRA21110 Datasheet
117Kb / 5P
   DIO drop interface Modicon Quantum - 115/230 V AC - 1 single port
Apr 18, 2022
140CRA21210 SCHNEIDER-140CRA21210 Datasheet
115Kb / 4P
   DIO drop interface Modicon Quantum - 115/230 V AC - 1 redundant port
Apr 18, 2022
STBDAO8210K SCHNEIDER-STBDAO8210K Datasheet
133Kb / 5P
   standard digital output kit - Modicon STB - 115..230 V AC - 2 O
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com