Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESX10-TC-114-DC12V-10A-E Datasheet(PDF) 5 Page - ETAL Group

No. de pieza ESX10-TC-114-DC12V-10A-E
Descripción Electrónicos  Selective load protection, electronic trip characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETAL [ETAL Group]
Página de inicio  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TC-114-DC12V-10A-E Datasheet(HTML) 5 Page - ETAL Group

  ESX10-TC-114-DC12V-10A-E Datasheet HTML 1Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 2Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 3Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 4Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 5Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 6Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 7Page - ETAL Group ESX10-TC-114-DC12V-10A-E Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10-TC DC 12 V
1642
5
4
Electronic Circuit Protector ESX10-TC DC 12 V
Terminal wiring diagram ESX10-TC-124-DC 12 V (Example)
ok
on
o
r
e
s
e
t
2 LOAD+
DC12V
xxA
LINE+
1
SF 23
RE 22
2
LOAD+
0V
3
Table 2 : ESX10-T - product version
Version
Signal input
Signal output
ESX10-..
DC 12 V
Control input
ON/OFF + 12 V
Control IN+
Reset input
+ 12 V 
RE
Status output
SGF
OUT
+ 12 V = OK
-TC -114
x
x
-TC -124
x
x
ESX10-T Signal inputs / outputs (wiring diagram)
LINE+
1
SF 23
IN 21
2
LOAD+
0V
3
ESX10-TC-114-DC12V
with control input IN+
(+DC 12 V )
with status output SF
(+12 V = load output ON)
operating condition:
SF +12 V = OK
fault condition:
SF 0 V
LINE+
1
SF 23
RE 22
2
LOAD+
0V
3
ESX10-TC-124-DC12V
with reset input RE
(+DC 12 V ↓)
with status output SF
(+12 V = load output ON)
operating condition:
SF +12 V = OK
fault condition:
SF 0 V
Time/Current characteristic curve (TA = 25 °C)
disconnection
typically 1.1 x I
N
current limitation
typically 1.8 x I
N
I
K
10000
1000
1
2
4
...times rated current
100
10
1
0. 1
0.01
3
5
0
1.8 x I
N
5
*1) current limitation typically 1.8 x IN
times rated current at IN = 0.5 A...6 A
current limitation typically 1.5 x IN
times rated current at IN = 8 A or 10 A
l
The trip time is typically 3 s in the range between 1.1 and 1.8 x IN*1).
l
Electronic current limitation occurs at typically 1.8 x IN*1) which
means that under all overload conditions (independent of the
power supply and the resistance of the load circuit) the max.
overload before disconnection will not exceed 1.8 x IN*1) times
the current rating. Trip time is between 100 ms and 3 sec
(depending on overload or at short circuit).
l
Without this current limitation a considerably higher overload
current would flow in the event of an overload or short circuit.


Número de pieza similar - ESX10-TC-114-DC12V-10A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
ESX10-TA-100DC24V-0.5A-E ETAL-ESX10-TA-100DC24V-0.5A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-1A-E ETAL-ESX10-TA-100DC24V-1A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-2A-E ETAL-ESX10-TA-100DC24V-2A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-3A-E ETAL-ESX10-TA-100DC24V-3A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-6A-E ETAL-ESX10-TA-100DC24V-6A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
More results

Descripción similar - ESX10-TC-114-DC12V-10A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com