Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MKT1820-615 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza MKT1820-615
Descripción Electrónicos  Metallized Polyester Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1820-615 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1820-615 Datasheet HTML 1Page - Vishay Siliconix MKT1820-615 Datasheet HTML 2Page - Vishay Siliconix MKT1820-615 Datasheet HTML 3Page - Vishay Siliconix MKT1820-615 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
43
MKT 1820
Vishay Roederstein
Document Number 26011
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
6-1
± 0.4
H
W
Marking
PCM
± 0.4
0.6
L
Max.
0.8
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and decoupling
circuits, interference suppression in low voltage applications.
High temperature operations.
MARKING:
Manufaturer’s logo/type/C-Value/rated voltage/tolerance/
date of manufature
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Flame retardant plastic case (UL-class 94 V-0), green, epoxy
resin sealed
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/125/56, according to IEC 60068
TEMPERATURE RANGE:
- 55°C to + 125°C
CAPACITANCE RANGE:
1000pF to 15µF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
Metallized Polyester Film Capacitor
Related Document: IEC 60384-2
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
MAXIMUM PULSE RISE TIME
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
C > 1.0
µF
1kHz
8 x 10-3
8 x 10-3
10 x 10-3
10kHz
15 x 10-3
15 x 10-3
100kHz
25 x 10-3
——
Maximum values
DISSIPATION FACTOR TAN δ
δδ
δδ
Dimensions in millimeters
For C
0.33µF and UR > 100 VDC:
30,000 MΩ minimum value (100,000 MΩ typical value)
For C
0.33µF and UR 100 VDC:
15,000 MΩ minimum value (50,000 MΩ typical value)
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C > 0.33
µF and UR > 100 VDC:
10,000 s minimum value (40,000 s typical value)
For C > 0.33
µF and UR 100 VDC:
5000 s minimum value (15,000 s typical value)
CAPACITANCE DRIFT:
Up to + 40°C, ± 1.5% for a period of two years
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.8 UR
At + 125°C: UC = 0.5 UR (maximum 1000 h)
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000 h
Failure rate < 2 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
provided in this catalog.
(mm)
63 VDC
100 VDC
250 VDC
400 VDC
630 VDC
1000 VDC
10
6
9
18
26
35
130
15
4
5
10
16
33
65
22.5
2.5
3
6
9
19
34
27.5
2.5
5
7
14
25
Maximum Pulse Rise Time dv/dt [V/µs]
PCM


Número de pieza similar - MKT1820-615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-422/635-G VISHAY-MKT1820-422/635-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-422/635-V VISHAY-MKT1820-422/635-V Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-515/405 VISHAY-MKT1820-515/405 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Descripción similar - MKT1820-615

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com