Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4091-2 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADA4091-2
Descripción Electrónicos  Precision Micropower, OVP, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4091-2_16 Datasheet HTML 2Page - Analog Devices ADA4091-2_16 Datasheet HTML 3Page - Analog Devices ADA4091-2_16 Datasheet HTML 4Page - Analog Devices ADA4091-2_16 Datasheet HTML 5Page - Analog Devices ADA4091-2_16 Datasheet HTML 6Page - Analog Devices ADA4091-2_16 Datasheet HTML 7Page - Analog Devices ADA4091-2_16 Datasheet HTML 8Page - Analog Devices ADA4091-2_16 Datasheet HTML 9Page - Analog Devices ADA4091-2_16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4091-2/ADA4091-4
Data Sheet
Rev. H | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
36 V
Input Voltage
Refer to the Input
Overvoltage Protection
section
Differential Input Voltage1
±VSY
Input Current
±5 mA
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Input current must be limited to ±5 mA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the device soldered on a 4-layer JEDEC
standard PCB with zero airflow. The exposed pad is soldered to
the application board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-8)
155
45
°C/W
14-Lead TSSOP (RU-14)
112
35
°C/W
8-Lead LFCSP (CP-8-21)
75
12
°C/W
16-Lead LFCSP (CP-16-17)
55
14
°C/W
ESD CAUTION


Número de pieza similar - ADA4091-2_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4091-2ACPZ-R AD-ADA4091-2ACPZ-R Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4091-2ACPZ-R2 AD-ADA4091-2ACPZ-R2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4091-2ACPZ-R7 AD-ADA4091-2ACPZ-R7 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4091-2ACPZ-RL AD-ADA4091-2ACPZ-RL Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4091-2ARZ AD-ADA4091-2ARZ Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
More results

Descripción similar - ADA4091-2_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4091-2 AD-ADA4091-2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com