Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CYRF89135 Datasheet(PDF) 19 Page - Cypress Semiconductor

No. de pieza CYRF89135
Descripción Electrónicos  8-bit flash based MCU function and 2.4-GHz WirelessUSB NL radio transceiver function in a single device
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF89135 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYRF89135 Datasheet HTML 15Page - Cypress Semiconductor CYRF89135 Datasheet HTML 16Page - Cypress Semiconductor CYRF89135 Datasheet HTML 17Page - Cypress Semiconductor CYRF89135 Datasheet HTML 18Page - Cypress Semiconductor CYRF89135 Datasheet HTML 19Page - Cypress Semiconductor CYRF89135 Datasheet HTML 20Page - Cypress Semiconductor CYRF89135 Datasheet HTML 21Page - Cypress Semiconductor CYRF89135 Datasheet HTML 22Page - Cypress Semiconductor CYRF89135 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
CYRF89135
Document Number: 001-86331 Rev. **
Page 19 of 41
ADC Electrical Specifications
Table 10. ADC User Module Electrical Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
Input
VIN
Input voltage range
0
VREFADC
V
CIIN
Input capacitance
––
5
pF
RIN
Input resistance
Equivalent switched cap input
resistance for 8-, 9-, or 10-bit
resolution
1/(500fF ×
data clock)
1/(400fF ×
data clock)
1/(300fF ×
data clock)
Reference
VREFADC
ADC reference voltage
–1.14
1.26
V
Conversion Rate
FCLK
Data clock
Source is chip’s internal main
oscillator. See AC Chip-Level
Specifications for accuracy
2.25
6
MHz
S8
8-bit sample rate
Data clock set to 6 MHz. sample
rate = 0.001/ (2^Resolution/Data
Clock)
23.43
ksps
S10
10-bit sample rate
Data clock set to 6 MHz. sample
rate = 0.001/ (2^resolution/data
clock)
5.85
ksps
DC Accuracy
RES
Resolution
Can be set to 8-, 9-, or 10-bit
8
10
bits
DNL
Differential nonlinearity
–1
+2
LSB
INL
Integral nonlinearity
–2
+2
LSB
EOFFSET
Offset error
8-bit resolution
0
3.20
19.20
LSB
10-bit resolution
0
12.80
76.80
LSB
EGAIN
Gain error
For any resolution
–5
+5
%FSR
Power
IADC
Operating current
2.10
2.60
mA
PSRR
Power supply rejection ratio
PSRR (VIN > 3.0 V)
–24–
dB
PSRR (VIN < 3.0 V)
–30–
dB


Número de pieza similar - CYRF89135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CYRF89235 CYPRESS-CYRF89235 Datasheet
645Kb / 45P
   PRoC??USB
CYRF89235-40LTXC CYPRESS-CYRF89235-40LTXC Datasheet
645Kb / 45P
   PRoC??USB
CYRF8935 CYPRESS-CYRF8935 Datasheet
1Mb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
CYRF89435 CYPRESS-CYRF89435 Datasheet
598Kb / 40P
   PRoC??- CapSense짰
More results

Descripción similar - CYRF89135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CYRF8935 CYPRESS-CYRF8935 Datasheet
1Mb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYWUSB6953 CYPRESS-CYWUSB6953 Datasheet
209Kb / 7P
   WirelessUSB PRoC Flash Programmable MCU Radio
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com