Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM4330 Datasheet(PDF) 9 Page - Cypress Semiconductor

No. de pieza BCM4330
Descripción Electrónicos  Bluetooth 4.0 EDR and Low Energy compliant
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4330 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button BCM4330 Datasheet HTML 5Page - Cypress Semiconductor BCM4330 Datasheet HTML 6Page - Cypress Semiconductor BCM4330 Datasheet HTML 7Page - Cypress Semiconductor BCM4330 Datasheet HTML 8Page - Cypress Semiconductor BCM4330 Datasheet HTML 9Page - Cypress Semiconductor BCM4330 Datasheet HTML 10Page - Cypress Semiconductor BCM4330 Datasheet HTML 11Page - Cypress Semiconductor BCM4330 Datasheet HTML 12Page - Cypress Semiconductor BCM4330 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Document Number: 002-14773 Rev. *L
Page 9 of 55
CYW20702
2.5 Internal LDO
Two internal Low Drop-Out (LDO) voltage regulators eliminate the need for external voltage regulators and therefore reduce the BOM.
The first LDO is a preregulator (HV LDO). The second LDO (Main LDO) supplies the main power to the CYW20702 (see Figure 4).
The HV LDO has an input voltage range of 2.3V to 5.5V. The input VBAT is ideal for batteries. The VREGHV output is programmable
from 1.8V to 3.3V, in 100 mV steps. The dropout voltage is 200 mV. The HV LDO can supply up to 95 mA, which leaves spare power
for external circuitry such as an RF power amp for higher transmit power. If the HV LDO is not used, to turn off the HV LDO and
minimize current consumption, connect the VBAT input to the VREGHV output. Firmware can then disable the HV LDO, saving the
quiescent current.
The HV LDO default output voltage is 2.9V, allowing this regulator to be used to power external NV memory devices, as well as the
VDDO rail. The firmware can then adjust this output to as low as 1.8V, if desired, to power VDDTF.
The main LDO has a 1.22V output (VREG) and is used to supply main power to the CYW20702. The input of this LDO (VREGHV)
has an input voltage range of from 1.63V to 3.63V. The output of the HV LDO is internally connected to the input to the main LDO.
Power can be applied to VREGHV when the HV LDO is not used. The main LDO supplies power to the entire device for Class 2
operation. The main LDO can drive up to 60 mA, which leaves spare power for external circuitry. The main LDO is bypassed by not
connecting anything to its output (VREG) and driving 1.12V–1.32V directly to VDDC and VDDRF.
REG_EN provides a control signal for the host to control power to the CYW20702. When power is enabled, the CYW20702 will require
complete initialization.
Figure 4. LDO Functional Block Diagram
HV LDO
Main LDO
VREGHV
VBAT
VREG
REG_EN
CYW20702


Número de pieza similar - BCM4330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
BCM4330 CYPRESS-BCM4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Broadcom Corporation.
BCM4330 BOARDCOM-BCM4330 Datasheet
2Mb / 168P
   Single Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated Bluetooth짰 4.0 HS and FM
logo
Infineon Technologies A...
BCM4330 INFINEON-BCM4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Broadcom Corporation.
BCM4330FB2KFFBG BOARDCOM-BCM4330FB2KFFBG Datasheet
2Mb / 168P
   Single Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated Bluetooth짰 4.0 HS and FM
BCM4330FKUBG BOARDCOM-BCM4330FKUBG Datasheet
2Mb / 168P
   Single Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated Bluetooth짰 4.0 HS and FM
More results

Descripción similar - BCM4330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
   Bluetooth 4.0 EDR compliant
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
logo
NXP Semiconductors
MKW40Z160 NXP-MKW40Z160 Datasheet
1Mb / 64P
   2.4 GHz Bluetooth Low Energy version 4.1 compliant
Rev. 1.1, 10/2015
logo
List of Unclassifed Man...
BLE121LR ETC2-BLE121LR Datasheet
877Kb / 29P
   Bluetooth v. 4.0 Single Mode Compliant
BLE113 ETC2-BLE113 Datasheet
999Kb / 30P
   Bluetooth v. 4.0, single mode compliant
BLE112 ETC2-BLE112 Datasheet
973Kb / 31P
   Bluetooth v.4.0, single mode compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com