Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E-1048-S600DC24V2.0A Datasheet(PDF) 2 Page - ETAL Group

No. de pieza E-1048-S600DC24V2.0A
Descripción Electrónicos  Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETAL [ETAL Group]
Página de inicio  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-S600DC24V2.0A Datasheet(HTML) 2 Page - ETAL Group

  E-1048-S600DC24V2.0A Datasheet HTML 1Page - ETAL Group E-1048-S600DC24V2.0A Datasheet HTML 2Page - ETAL Group E-1048-S600DC24V2.0A Datasheet HTML 3Page - ETAL Group E-1048-S600DC24V2.0A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solid State Remote Power Controller E-1048-S6...
www.e-t-a.de
Solid State Remote Power Controller E-1048-S6...
1646
2
5
10
20
1000
100
10
1
0.1
30
I (A)
current limitation
I
N
20
40
1000
100
10
1
0.1
60
I (A))
80
I
N
current limitation
0.5 A and 1 A
2 A and 4 A
Technical description
Status indication
Dimensions
Connection diagram
Typical time/current characteristics (TA = 25 °C)
7
3
2
5
control and
monitoring
electronics
F +
F -
control circuit
red
green
Q
-U
S
4
6
1
+U
S
E-1048-S600
IN+
IN-
fault output
Fault indication output
(opto coupler)
LED
green red
non-conductive, no duty
conductive, normal duty
overload or short circuit at the output
(and with option wire break indication in
ON condition)
wire break, in the OFF position
Status indication
At the appropriate input level (>8.5 V), the opto decoupled input in the
SSRPC will switch on a power transistor to connect the load to the
plus pole of the load circuit supply (US).
The transistor will switch off when
- the control voltage (UE) is removed
- there is a short-circuit/overload in the load circuit.
Status indication is provided by two LEDs (red and green).
Thermal-magnetic style overload protection occurs at approx.
1.5 times rated current. See time/current characteristic curves.
The SSRPC is fitted with blade terminals DIN 46244-A6.3-0.8 and
is suitable for plug-in mounting with various E-T-A sockets (see
Accessories).
Control circuit
ON condition:
If a voltage higher than 8.5 V is applied to the input terminals (-IN,
+IN), the control current (from the PLC) will flow through the opto
coupler. The output transistor will be conductive, the green LED will
be lighted.
OFF condition:
A control voltage lower than 5 V will switch the output transistor off.
Load circuit
The load circuit switches depending on the control signal (“0” or “1”).
It is electronically monitored for faults. In the event of a short-circuit
the circuit is disconnected after max. 250 µs whilst upon inadmissible
overload it is disconnected according to the time/current curves
shown.
Fault indication output
The fault indication circuit (F+, F-) is opto decoupled from the load
and control circuit.
In the OFF condition, this circuit will provide wire break indication,
with the transistor output being open.
In the ON condition, the circuit will provide short-circuit and overload
monitoring and indication.
Visual fault indication by red LED.
blade terminals
DIN 46244-6.3-0.8
60
50
6x6.8=40.8
6.8
reverse plug-in
protection
LED green
LED red
1
4
6
3
7
5
2
6x.267=1.60
.267
1.97
2.36
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Número de pieza similar - E-1048-S600DC24V2.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-1.0A ETAL-E-1048-S700DC24V-1.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-2.0A ETAL-E-1048-S700DC24V-2.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-4.0A ETAL-E-1048-S700DC24V-4.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-5.0A ETAL-E-1048-S700DC24V-5.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
More results

Descripción similar - E-1048-S600DC24V2.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Megawin Technology Co.,...
MG65P701A MEGAWIN-MG65P701A Datasheet
1Mb / 42P
   Build-in a over current protection circuit
logo
Allegro MicroSystems
A6214 ALLEGRO-A6214 Datasheet
1Mb / 25P
   2 A maximum output over operating temperature range
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com