Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZT2907AT1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza PZT2907AT1G
Descripción Electrónicos  PNP Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2907AT1G Datasheet(HTML) 2 Page - ON Semiconductor

  PZT2907AT1G Datasheet HTML 1Page - ON Semiconductor PZT2907AT1G Datasheet HTML 2Page - ON Semiconductor PZT2907AT1G Datasheet HTML 3Page - ON Semiconductor PZT2907AT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PZT2907A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = −10 mAdc, IE = 0)
V(BR)CBO
−60
Vdc
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
−60
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector−Base Cutoff Current
(VCB = −50 Vdc, IE = 0)
ICBO
−10
nAdc
Collector−Emitter Cutoff Current
(VCE = −30 Vdc, VBE = 0.5 Vdc)
ICEX
−50
nAdc
Base−Emitter Cutoff Current
(VCE = −30 Vdc, VBE = −0.5 Vdc)
IBEX
−50
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = −0.1 mAdc, VCE = −10 Vdc)
(IC = −1.0 mAdc, VCE = −10 Vdc)
(IC = −10 mAdc, VCE = −10 Vdc)
(IC = −150 mAdc, VCE = −10 Vdc)
(IC = −500 mAdc, VCE = −10 Vdc)
hFE
75
100
100
100
50
300
Collector-Emitter Saturation Voltages
(IC = −150 mAdc, IB = −15 mAdc)
(IC = − 500 mAdc, IB = −50 mAdc)
VCE(sat)
−0.4
−1.6
Vdc
Base-Emitter Saturation Voltages
(IC = −150 mAdc, IB = −15 mAdc)
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−1.3
−2.6
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain − Bandwidth Product
(IC = −50 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance
(VEB = −2.0 Vdc, IC = 0, f = 1.0 MHz)
Ce
30
pF
SWITCHING TIMES
Turn-On Time
(VCC = −30 Vdc, IC = −150 mAdc,
IB1 = −15 mAdc)
ton
45
ns
Delay Time
td
10
Rise Time
tr
40
Turn-Off Time
(VCC = −6.0 Vdc, IC = −150 mAdc,
IB1 = IB2 = −15 mAdc)
toff
100
ns
Storage Time
ts
80
Fall Time
tf
30
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%.


Número de pieza similar - PZT2907AT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
More results

Descripción similar - PZT2907AT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com