Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

D2UB05-THRU-D2UB100 Datasheet(PDF) 2 Page - Kingtronics International Company

No. de Pieza. D2UB05-THRU-D2UB100
Descripción  Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

D2UB05-THRU-D2UB100 Datasheet(HTML) 2 Page - Kingtronics International Company

  D2UB05-THRU-D2UB100_15 Hoja de datos HTML 1Page - Kingtronics International Company D2UB05-THRU-D2UB100_15 Hoja de datos HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTIC CURVES D2UB05 THRU D2UB100
Note: Specifications are subject to change without notice.
FIG. 1-MAXIMUM NONO-REPETITIVE FORWARD SURGE CURRENT
PER BRIDGE ELELMENT
FIG. 2-MAXIMUM FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE.(℃)
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS PER BRIDGE
ELEMENT
INSTANTANEOUS FORWARD VOLTAGE.(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
D2UB05 THRU
D2UB100


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn