Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

D2UB05-THRU-D2UB100 Datasheet(PDF) 1 Page - Kingtronics International Company

No. de Pieza. D2UB05-THRU-D2UB100
Descripción  Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGTRONICS [Kingtronics International Company]
Página de inicio  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

D2UB05-THRU-D2UB100 Datasheet(HTML) 1 Page - Kingtronics International Company

  D2UB05-THRU-D2UB100_15 Hoja de datos HTML 1Page - Kingtronics International Company D2UB05-THRU-D2UB100_15 Hoja de datos HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 2.0 Amperes
◆Ideal for printed circuit boards
◆Reliable low cost construction technique
results in inexpensive product
◆High temperature soldering guaranteed:
260℃/10 seconds
◆UL Recognized File number: E347214
◆Case: Molded plastic
◆Lead: solder plated
◆Polarity: As marked on body
◆Mounting Torque: 0.8N·m
◆Recommended Torque: 0.5N·m
Rating at 25
ambient temperature unless o
therwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
D2UB
05
D2UB
10
D2UB
20
D2UB
40
D2UB
60
D2UB
80
D2UB
100
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
TC= 100℃
Rectified Current at
TA= 40℃
IF(AV)
2.0
(1)
1.0
(2)
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load (JEDEC method)
IFSM
35
A
Maximum Instantaneous Forward Voltage @ 2A
VF
1.1
V
Rating for fusing (3ms
≤t<8.3ms) Tj=25℃
I
2t
3.5
A
2sec
Maximum DC Reverse Current @ TA=25℃
IR
5.0
μA
Typical Thermal Resistance (Note)
RθJA
RθJC
40
3.5
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTE:1. Unit case mounted on 1.6*1.6*0.06” thick (5.1*5.1*0.15cm) Al.Plate
2. Unit mounted on P.C.B. with 0.5*0.5” (12.7*1.27mm) copper pads and 0.375” (9.5mm) lead length
FEATURES
Package: D3K
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
D2UB05 THRU
D2UB100
Dimensions in inches and (millimeters)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn