Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM43364KUBGT Datasheet(PDF) 4 Page - Cypress Semiconductor

No. de pieza BCM43364KUBGT
Descripción Electrónicos  Single-band 2.4 GHz IEEE 802.11b/g/n
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43364KUBGT Datasheet(HTML) 4 Page - Cypress Semiconductor

  BCM43364KUBGT Datasheet HTML 1Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 2Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 3Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 4Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 5Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 6Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 7Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 8Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Document Number: 002-14781 Rev. *C
Page 4 of 68
PRELIMINARY
CYW43364
1. Overview
1.1 Overview
The Cypress CYW43364 provides the highest level of integration for IoT and wireless automation system, with integrated
IEEE 802.11 b/g/n. It provides a small form-factor solution with minimal external components to drive down cost for mass volumes
and allows for handheld device flexibility in size, form, and function. The CYW43364 is designed to address the needs of highly mobile
devices that require minimal power consumption and reliable operation.
Figure 2 on page 4 shows the interconnection of all the major physical blocks in the CYW43364 and their associated external
interfaces, which are described in greater detail in subsequent sections.
Figure 2. CYW43364 Block Diagram
SWREG
LDOx2
LPO
XTAL OSC.
BPF
WLAN
SDIO
gSPI
ARM
CM3
BT-
WLAN
ECI
WDT
OTP
GPIO
UART
JTAG*
RAM
ROM
PMU
Control
Cortex
M3
RAM
ROM
Patch
InterCtrl
DMA
Bus Arb
ARM IP
WD Timer
SW Timer
GPIO
Ctrl
APB
SDIO or gSPI
Debug
GPIO
UART
2.4 GHz
PA
LNA
Power
Supply
Sleep CLK
XTAL
AHB to
APB Bridge
AHB
Supported over SDIO
JTAG supported
over SDIO
POR
WL_REG_ON


Número de pieza similar - BCM43364KUBGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
More results

Descripción similar - BCM43364KUBGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
logo
Broadcom Corporation.
BCM5356 BOARDCOM-BCM5356 Datasheet
142Kb / 2P
   IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com