Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4177-2 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADA4177-2
Descripción Electrónicos  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4177-2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4177-2 Datasheet HTML 5Page - Analog Devices ADA4177-2 Datasheet HTML 6Page - Analog Devices ADA4177-2 Datasheet HTML 7Page - Analog Devices ADA4177-2 Datasheet HTML 8Page - Analog Devices ADA4177-2 Datasheet HTML 9Page - Analog Devices ADA4177-2 Datasheet HTML 10Page - Analog Devices ADA4177-2 Datasheet HTML 11Page - Analog Devices ADA4177-2 Datasheet HTML 12Page - Analog Devices ADA4177-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
ADA4177-1/ADA4177-2/ADA4177-4
Figure 5. 8-Lead MSOP Pin Configuration, ADA4177-2
Figure 6. 8-Lead SOIC Pin Configuration, ADA4177-2
Table 7. ADA4177-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output Channel A.
2
−IN A
Inverting Input Channel A.
3
+IN A
Noninverting Input Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input Channel B.
6
−IN B
Inverting Input Channel B.
7
OUT B
Output Channel B.
8
V+
Positive Supply Voltage.
OUT A 1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4177-2
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4177-2
TOP VIEW
(Not to Scale)
Rev. C | Page 9 of 31


Número de pieza similar - ADA4177-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4000-1 AD-ADA4000-1 Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1 AD-ADA4000-1 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
More results

Descripción similar - ADA4177-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX40075 MAXIM-MAX40075 Datasheet
1Mb / 14P
   10MHz/42MHz Low Noise, Low Bias Op-Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com