Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4610-1ARZ-RL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADA4610-1ARZ-RL
Descripción Electrónicos  Rail-to-rail output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4610-1ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 11Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 12Page - Analog Devices ADA4610-1ARZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 9 of 25
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
ADA4610-4
TOP VIEW
(Not to Scale)
Figure 7. ADA4610-4 Pin Configuration, 14-Lead SOIC (R Suffix)
12
11
10
1
3
4
–IN D
+IN D
V–
9
+IN C
–IN A
V+
2
+IN A
+IN B
TOP
VIEW
ADA4610-4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2.THE EXPOSED PAD MUST BE CONNECTED TO V–.
Figure 8. ADA4610-4 Pin Configuration, 16-Lead LFCSP (CP Suffix)
Table 9. ADA4610-4 Pin Function Descriptions, 14-Lead SOIC and 16-Lead LFCSP
Pin No.
14-Lead SOIC
16-Lead LFCSP
Mnemonic
Description
1
15
OUT A
Output Channel A.
2
1
−IN A
Inverting Input Channel A.
3
2
+IN A
Noninverting Input Channel A.
4
3
V+
Positive Supply Voltage.
5
4
+IN B
Noninverting Input Channel B.
6
5
−IN B
Inverting Input Channel B.
7
6
OUT B
Output Channel B.
8
7
OUT C
Output Channel C.
9
8
−IN C
Inverting Input Channel C.
10
9
+IN C
Noninverting Input Channel C.
11
10
V−
Negative Supply Voltage.
12
11
+IN D
Noninverting Input Channel D.
13
12
−IN D
Inverting Input Channel D.
14
14
OUT D
Output Channel D.
Not applicable
13, 16
NIC
Not Internally Connected.
Not applicable
EPAD
Exposed Pad. The exposed pad must be connected to V−.


Número de pieza similar - ADA4610-1ARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4610-1ARZ-RL AD-ADA4610-1ARZ-RL Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results

Descripción similar - ADA4610-1ARZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com