Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADRF5130-EVALZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADRF5130-EVALZ
Descripción Electrónicos  Low insertion loss
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADRF5130-EVALZ Datasheet(HTML) 5 Page - Analog Devices

  ADRF5130-EVALZ Datasheet HTML 1Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Bias Voltage Range (VDD)
−0.3 V to +5.5 V
Control Voltage Range (VCTL)
−0.3 V to +5.5 V
RF Input Power,1 Continuous Wave
46.5 dBm
Channel Temperature
135°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +105°C
Peak Reflow Temperature (MSL3)2
260°C
Thermal Resistance (Channel to Package
Bottom)
17°C/W
Electrostatic Discharge (ESD) Sensitivity
HBM
2 kV (Class 2)
CDM
1.25 kV
1
For the recommended operating conditions, see Table 1.
2
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Número de pieza similar - ADRF5130-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132-EVALZ AD-ADRF5132-EVALZ Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN AD-ADRF5132BCPZN Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN-R7 AD-ADRF5132BCPZN-R7 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
More results

Descripción similar - ADRF5130-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2069A-1 RFM-SF2069A-1 Datasheet
61Kb / 2P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com