Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB095N10KRN3-0-T1-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

No. de pieza MTB095N10KRN3-0-T1-G
Descripción Electrónicos  100V N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRN3-0-T1-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB095N10KRN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714N3
Issued Date : 2017.01.13
Revised Date :
Page No. : 3/9
MTB095N10KRN3
Preliminary
CYStek Product Specification
Qg
-
3.6
-
Qgs
-
1.2
-
Qgd
-
1.4
-
nC
VDS=80V, ID=1.9A, VGS=10V
Source-Drain Diode
*IS
-
-
2.3
*ISM
-
-
10
A
*VSD
-
0.82
1.2
V
VGS=0V, IS=1A
*trr
-
17
-
ns
*Qrr
-
12
-
nC
IF=1A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint


Número de pieza similar - MTB095N10KRN3-0-T1-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB095N10KRJ3 CYSTEKEC-MTB095N10KRJ3 Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB095N10KRJ3 DOINGTER-MTB095N10KRJ3 Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB095N10KRJ3-0-T3-G CYSTEKEC-MTB095N10KRJ3-0-T3-G Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Descripción similar - MTB095N10KRN3-0-T1-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com