Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA2200SDP-EVALZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADA2200SDP-EVALZ
Descripción Electrónicos  Demodulates signal input bandwidths to 30 kHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA2200SDP-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA2200SDP-EVALZ Datasheet HTML 7Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 8Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 9Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 10Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 11Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 12Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 13Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 14Page - Analog Devices ADA2200SDP-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADA2200
Data Sheet
TERMINOLOGY
Cycle Mean
The cycle mean is the average of all the output samples
(OUTP/OUTN) over one RCLK period. In the default
configuration, there are eight output samples per RCLK cycle;
thus, the cycle mean is the average of eight consecutive output
samples. If the device is reconfigured such that the frequency of
RCLK is fSO/4, then the cycle mean is the average of four
consecutive output samples.
Conversion Gain
Conversion gain is calculated as follows:
IN
V
Q
I
Gain
Conversion
2
2
+
=
where:
I is the offset corrected cycle mean, PHASE90 bit = 0.
Q is the offset corrected cycle mean, PHASE90 bit = 1.
VIN is the rms value of the input voltage.
The offset corrected cycle mean = cycle mean − output offset.
Relative Phase (θREL)
Relative phase is the phase difference between the rising
positive zero crossing of a sine wave at the INN/INP inputs
relative to the next rising edge of RCLK.
Figure 14. Example Showing Relative Phase, θREL, of 37°
Phase Delay (°θDELAY)
The phase delay is the relative phase (θREL) that produces a zero
cycle mean output value for a sine wave input with a frequency
equal to fRCLK. The phase delay is the relative phase value that
corresponds to the positive zero crossing of the phase measurement
transfer function.
Phase Measurement Transfer Function
Figure 15 shows the cycle mean value of the output for a
1 V rms input sine wave as θREL is swept from 0° to 360°.
Figure 15. Phase Transfer Function with Phase Delay of 83°, 1 V rms Input
0
50
100
150
200
250
300
350
RCLK
INP/INN
PHASE (Degrees)
RELATIVE
PHASE = 37°
1.2
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
45
90
83°
135
180
225
270
315
360
RELATIVE PHASE (
θREL)
Rev. 0 | Page 10 of 24


Número de pieza similar - ADA2200SDP-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
   There are two evaluation boards available for the ADA2200
More results

Descripción similar - ADA2200SDP-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1R MICROCRYSTAL-MS3V-T1R Datasheet
114Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS2V-T1S MICROCRYSTAL-MS2V-T1S Datasheet
116Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS1V-T1K MICROCRYSTAL-MS1V-T1K Datasheet
127Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS3V-T1R MICROCRYSTAL-MS3V-T1R_18 Datasheet
745Kb / 2P
   Tuning Fork Crystal 30 kHz ??200 kHz
MS1V-T1K MICROCRYSTAL-MS1V-T1K_18 Datasheet
741Kb / 2P
   Tuning Fork Crystal 30 kHz ??200 kHz
logo
Analog Devices
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
   9 kHz to 30 GHz, Silicon, SP4T Switch
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
   Selectable 32- to 192-kHz input sample rates
February 2014 Rev 2
logo
RSG Electronic Componen...
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com