Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM7223ACCZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM7223ACCZ-RL7
Descripción Electrónicos  High-side or low-side relative to input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM7223ACCZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM7223ACCZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 13Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
ADuM7223
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Output Waveform for 2 nF Load with 12 V Output Supply
Figure 5. Output Matching and Rise Time Waveforms for 2 nF Load with
12 V Output Supply
Figure 6. Typical IDD1 Supply Current vs. Frequency
Figure 7. Typical IDDA/IDDB Supply Current vs. Frequency with 2 nF Load
Figure 8. Typical Propagation Delay vs. Junction Temperature
Figure 9. Typical Propagation Delay vs. Input Supply Voltage,
VDDA/VDDB = 12 V
CH1 2.00V
CH2 5.00V Ω
M40.0ns
A CH1
2.20V
2
1
5.00GS/s
100k POINTS
CH2 = VOx (5V/DIV)
CH1 = VIx (2V/DIV)
CH1 5.00V
CH1
CH2
= –700.0ps
CH1 RISE TIME = 7.870ns
CH2 RISE TIME = 7.705ns
CH2 5.00V Ω
M20.0ns
A CH1
2.20V
2
1
5.00GS/s
10M POINTS
CH2 = VOB (5V/DIV)
CH1 = VOA (5V/DIV)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.25
0.50
0.75
1.00
VDD1 = 5.0V
VDD1 = 3.3V
FREQUENCY (MHz)
0
20
10
30
40
50
0
0.25
0.50
0.75
1.00
FREQUENCY (MHz)
VDDA/VDDB = 15V
VDDA/VDDB = 10V
VDDA/VDDB = 5V
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
120
JUNCTION TEMPERATURE (ºC)
tDLH
tDHL
0
10
20
30
40
50
60
3.0
3.5
4.0
4.5
5.0
5.5
INPUT SUPPLY VOLTAGE LEVEL (V)
tDLH
tDHL
Rev. A | Page 9 of 16


Número de pieza similar - ADuM7223ACCZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Descripción similar - ADuM7223ACCZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com