Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFH-SBX40G1AS10SZ0 Datasheet(PDF) 4 Page - SICK AG

No. de pieza LFH-SBX40G1AS10SZ0
Descripción Electrónicos  PRESSURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

LFH-SBX40G1AS10SZ0 Datasheet(HTML) 4 Page - SICK AG

  LFH-SBX40G1AS10SZ0 Datasheet HTML 1Page - SICK AG LFH-SBX40G1AS10SZ0 Datasheet HTML 2Page - SICK AG LFH-SBX40G1AS10SZ0 Datasheet HTML 3Page - SICK AG LFH-SBX40G1AS10SZ0 Datasheet HTML 4Page - SICK AG LFH-SBX40G1AS10SZ0 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFH-SBX40G1AS10SZ0 | LFH
PRESSURE SENSORS
Recommended accessories
Other models and accessories
www.sick.com/LFH
Brief description
Type
Part no.
Other mounting accessories
Additional weight for stabilizing the LFH level sensor in moving liquids. Interior process
connection G ½, is fastened to the level sensor instead of the protective cap. Weight:
500 g., Stainless steel 1.4571
BEF-AW-
LFHSST-0001
5324308
Terminal and alignment brackets
Cable tension clamp for mounting the connection cable of the level sensor, max. tensile
load = 2.5 kN (not to be used with FEP cable), steel, zinc coated, Plastic
BEF-CC-
LFH001-0001
5324307
Adapters and distributors
ASK-CB-LFH-
PC0-0001
5324310
Protection filter
Protection filter for connection cable. Prevents humidity from entering the ventilation
tube of the connection cable. For self-mounting at cable end.
APR-VF-
LFH001-0001
5324309
4
FLUID SENSORS | SICK
Online data sheet | 2017-02-13 13:16:27
Subject to change without notice


Número de pieza similar - LFH-SBX40G1AS10SZ0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
LFH-SBX40G1AS15SZ0 SICK-LFH-SBX40G1AS15SZ0 Datasheet
787Kb / 5P
   PRESSURE SENSORS
More results

Descripción similar - LFH-SBX40G1AS10SZ0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com