Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4850-2YCP-EBZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADA4850-2YCP-EBZ
Descripción Electrónicos  High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2YCP-EBZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4850-2YCP-EBZ Datasheet HTML 1Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 2Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 3Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 4Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 5Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 6Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 7Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 8Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADA4850-1/ADA4850-2
Rev. D | Page 3 of 14
SPECIFICATIONS
SPECIFICATIONS WITH +3 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
160
MHz
G = +2, VO = 0.5 V p-p, RL = 150 Ω
45
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.5 V p-p, RL = 150 Ω
14
MHz
Slew Rate
G = +2, VO = 1 V step
110
V/µs
Settling Time to 0.1%
G = +2, VO = 1 V step, RL = 150 Ω
80
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 1 MHz, VO = 2 V p-p, G = +3, RL = 150 Ω
−72/−77
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +3, NTSC, RL = 150 Ω, VO = 2 V p-p
0.2
%
Differential Phase
G = +3, NTSC, RL = 150 Ω, VO = 2 V p-p
0.2
Degrees
DC PERFORMANCE
Input Offset Voltage
0.6
4.1
mV
Input Offset Voltage Drift
4
µV/°C
Input Bias Current
2.4
4.4
µA
Input Bias Current Drift
4
nA/°C
Input Bias Offset Current
30
nA
Open-Loop Gain
VO = 0.25 V to 0.75 V
78
100
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−0.2 to +0.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = +3.5 V to −0.5 V, G = +1
60/50
ns
Common-Mode Rejection Ratio
VCM = 0.5 V
−76
−108
dB
POWER-DOWN
Power-Down Input Voltage
Power-down ADA4850-1/ADA4850-2
<0.7/<0.6
V
Enabled ADA4850-1/ADA4850-2
>0.8/>1.7
V
Turn-Off Time
0.7
µs
Turn-On Time
60
ns
Power-Down Bias Current/ Power Down Pin
Enabled
Power-down = 3 V
37
55
µA
Power-Down
Power-down = 0 V
0.01
0.2
µA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +0.7 V to −0.1 V, G = +5
70/100
ns
Output Voltage Swing
0.06 to 2.83
0.03 to 2.92
V
Short-Circuit Current
Sinking/sourcing
105/74
mA
POWER SUPPLY
Operating Range1
2.7
6
V
Quiescent Current/Amplifier
2.4
2.8
mA
Quiescent Current (Power-Down)/Amplifier
15
150
nA
Positive Power Supply Rejection
+VS = +3 V to +4 V, −VS = 0 V
−83
−100
dB
Negative Power Supply Rejection
+VS = +3 V, −VS = 0 V to –1 V
−83
−102
dB
1
For operation on bipolar supplies, see the Operating the ADA4850-1/ADA4850-2 on Bipolar Supplies section.


Número de pieza similar - ADA4850-2YCP-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2YCPZ-RL AD-ADA4850-2YCPZ-RL Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-2YCPZ-RL AD-ADA4850-2YCPZ-RL Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2YCPZ-RL7 AD-ADA4850-2YCPZ-RL7 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
More results

Descripción similar - ADA4850-2YCP-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com