Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC32M00025FBINEXXSL-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

No. de pieza TC32M00025FBINEXXSL-PF
Descripción Electrónicos  32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACT [Advanced Crystal Technology]
Página de inicio  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC32M00025FBINEXXSL-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TC32M00025FBINEXXSL-PF Datasheet HTML 1Page - Advanced Crystal Technology TC32M00025FBINEXXSL-PF Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TCXO part number generation
TC32M
00003
F
B
B
N
B
X
X
S
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 32.768kHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning       
(±ppm)
Output 
wave
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 Cycle
Tape
 & 
Reel
RoHS
Code
TC32M
5 digit require 
to specify kHz 
frequency.
≤ 99.99kHz
10=00001
32.768=00003
≥ 100kHz 
100=00010
250=00025
5.0 = F1.8V = D
2.5V = C
3.0V = E
3.3V = B
5.0V = A
‐40 ~ +85 = INone  = NHCMOS  
E
None =  XNone = X
40%/60%
=
 S
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example part number : TC32M00003FBBNEXXSL‐PF [32.768KHz]
TCME32 Series
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
Solder reflow profile
Test circuit
Tr
Tf
T
t
90%
50%
10%
Vol
Voh
Duty cycle = (t/T) x 100%
GND
Test waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
Drawing control: (Internal use only)
Commodity code: 854370 90 99
 Issue number : 2
Date : 17062016 
Internal reference : M6


Número de pieza similar - TC32M00025FBINEXXSL-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
   ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
   ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
TelCom Semiconductor, I...
TC32MCDB TELCOM-TC32MCDB Datasheet
57Kb / 4P
   ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Microchip Technology
TC32MCDB MICROCHIP-TC32MCDB Datasheet
450Kb / 12P
   ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
TC32MCDB MICROCHIP-TC32MCDB Datasheet
253Kb / 12P
   ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
More results

Descripción similar - TC32M00025FBINEXXSL-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
   HCMOS TCXO 3.2 x 2.5mm SMD
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
EUROQUARTZ limited
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
   3.2 x 2.5mm SMD TCXO
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
   3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com