Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC32M00025FAINEXXSC-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
TC32M00025FAINEXXSC-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology |
1 / 2 page TCME32 Series Parameters Specification Remarks Frequency range F_nom 32.768kHz Supply voltage Vcc 1.8V, 2.5V, 3.0V, 3.3V, 5.0V ±5% voltage change, ±10% for 5V Supply voltage variation 0.25V max. ∆V/∆T = 1V/us Initial frequency tolerance F_tol ±1.5ppm max. At +25°C±3°C Frequency stability vs Temperature F_stb ±5.0ppm vs Load change F_load ±0.2ppm max. ±10% load condition change vs Voltage change F_Vcc ±0.2ppm max. ±5% input voltage change vs Aging F_age ±3.0ppm/year max. At +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs vs all range Vcc ±1.0ppm/volt max. Vcc = 1.7V to 5.5V Operating temperature range (°C) Topr ‐40°C ~ +85°C Table 1 Storage temperature (°C) Tstg ‐55°C ~ +85°C Output wave form HCMOS Output load 15pF Output voltage high Voh Vcc ‐ 0.4V min. Ioh = ‐0.1mA For all Vcc range Output voltage low Vol 0.4V max. Iol = 0.1mA For all Vcc range Current consumption Icc 0.79μA ~ 2.05μA Table 2 Rise and fall time Tr, Tf 100ns max. 20% to 80% of waveform Duty cycle SYM 40%/60% typ. Measured at 50% Vcc Start‐up time T_str 1.0 sec max at 25°C 3.0 sec max at ‐40°C~+85°C Pad 1 OE thresholds Vih = 0.8Vcc, Vil = 0.2Vcc Timing error over time ±0.432sec/day For ±5ppm over ‐40°C ~ +85°C Note: The device is ESD sensitive and moisture sensitive level (MSL) ‐ 1 Table 2 Supply voltage vs current consumption Supply voltage (V) Current consumption Icc (μA) 1.8V ± 5% 0.79μA 2.5V ± 5% 1.05μA 3.0V ± 5% 1.25μA 3.3V ± 5% 1.37μA 5.0V ± 5% 2.05μA Pad 1 : Output enable Pad 2 : Ground Pad 3 : Output Pad 4 : Supply voltage Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification 32.768kHz TCXO, 3.2 x 2.5mm, HCMOS Dimensions(Unit:mm) μA current consumption Pad 1 Pad 3 (Output) Enable (>Vcc*0.8) Active Disable (<Vcc*0.2) High impedance 3.2 Top view 12 3 4 1 2 4 3 1.8 0.6 1.3 ±0.1 |
Número de pieza similar - TC32M00025FAINEXXSC-PF |
|
Descripción similar - TC32M00025FAINEXXSC-PF |