Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1288S16I-4.5A Datasheet(PDF) 11 Page - Xicor Inc.

No. de pieza X1288S16I-4.5A
Descripción Electrónicos  2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1288S16I-4.5A Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X1288S16I-4.5A Datasheet HTML 7Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 8Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 9Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 10Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 11Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 12Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 13Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 14Page - Xicor Inc. X1288S16I-4.5A Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11 of 31
REV 1.1.30 3/24/04
www.xicor.com
Preliminary Information
X1288
When used as frequency output, this signal has a fre-
quency of 32.768kHz, 100Hz, 1Hz or inactive.
When used as interrupt output, this signal notifies a
host processor that an alarm has occurred and an
action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and
are found in address 0011h of the Clock Control Mem-
ory map. See “Programmable Frequency Output Bits—
FO1, FO0” on page 15.
X1, X2
The X1 and X2 pins are the input and output,
respectively, of an inverting amplifier. An external
32.768kHz quartz crystal is used with the X1288 to
supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF.
Internal compensation circuitry is included to form a
complete oscillator circuit. Care should be taken in the
placement of the crystal and the layout of the circuit.
Plenty of ground plane around the device and short
traces to X1 and X2 are highly recommended. See
Application section for more information.
Figure 2. Recommended Crystal connection
POWER CONTROL OPERATION
The power control circuit accepts a VCC and a VBACK
input. The power control circuit powers the clock from
VBACK when VCC < VBACK - 0.2V. It will switch back to
power the device from VCC when VCC exceeds VBACK.
Figure 3. Power Control
REAL TIME CLOCK OPERATION
The Real Time Clock (RTC) uses an external
32.768kHz quartz crystal to maintain an accurate inter-
nal representation of the 1/100 of a second, second,
minute, hour, day, date, month, and year. The RTC has
leap-year correction. The clock also corrects for
months having fewer than 31 days and has a bit that
controls 24 hour or AM/PM format. When the X1288
powers up after the loss of both VCC and VBACK, the
clock will not operate until at least one byte is written to
the clock register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of
the Real Time Clock. The RTC Registers can then be
read in a Sequential Read Mode. Since the clock runs
continuously and a read takes a finite amount of time,
there is the possibility that the clock could change during
the course of a read operation. In this device, the time is
latched by the read command (falling edge of the clock on
the ACK bit prior to RTC data output) into a separate latch
to avoid time changes during the read operation. The
clock continues to run. Alarms occurring during a read
are unaffected by the read operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. To avoid changing the current time by an
uncompleted write operation, the current time value is
loaded into a separate buffer at the falling edge of the
clock on the ACK bit before the RTC data input bytes,
the clock continues to run. The new serial input data
replaces the values in the buffer. This new RTC value
is loaded back into the RTC Register by a stop bit at
the end of a valid write sequence. An invalid write
operation aborts the time update procedure and the
contents of the buffer are discarded. After a valid write
operation the RTC will reflect the newly loaded data
beginning with the SSEC register reset to “0” at the
next sub-second update after the stop bit is written.
The 1Hz frequency output from the PHZ/IRQ pin will
be reset to restart after the stop bit is written. The RTC
continues to update the time while an RTC register
write is in progress and the RTC continues to run dur-
ing any nonvolatile write sequences. A single byte may
be written to the RTC without affecting the other bytes.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time
base for the RTC. Since the resonant frequency of a
crystal is temperature dependent, the RTC performance
will also be dependent upon temperature. The frequency
deviation of the crystal is a function of the turnover
temperature of the crystal from the crystal’s nominal
X1
X2
VBACK
In
Voltage
VCC
On
Off


Número de pieza similar - X1288S16I-4.5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X1288S16I-4.5A INTERSIL-X1288S16I-4.5A Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288S16I-4.5A RENESAS-X1288S16I-4.5A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Descripción similar - X1288S16I-4.5A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com