Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUC1G02 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AUC1G02
Descripción Electrónicos  Single 2-input NOR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G02 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUC1G02 Datasheet HTML 4Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 5Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 6Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 7Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 8Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 9Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 10Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 11Page - NXP Semiconductors 74AUC1G02 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2002 Nov 12
10
Philips Semiconductors
Preliminary specification
Single 2-input NOR gate
74AUC1G02
SOLDERING
Introduction to soldering surface mount packages
This text gives a very brief insight to a complex
technology. A more in-depth account of soldering ICs can
be found in our
“Data Handbook IC26; Integrated Circuit
Packages” (document order number 9398 652 90011).
There is no soldering method that is ideal for all surface
mount IC packages. Wave soldering can still be used for
certain surface mount ICs, but it is not suitable for fine
pitch SMDs. In these situations reflow soldering is
recommended.
Reflow soldering
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling
or pressure-syringe dispensing before package
placement.
Several methods exist for reflowing; for example,
convection or convection/infrared heating in a conveyor
type oven. Throughput times (preheating, soldering and
cooling) vary between 100 and 200 seconds depending
on heating method.
Typical reflow peak temperatures range from
215 to 250
°C. The top-surface temperature of the
packages should preferable be kept below 220
°C for
thick/large packages, and below 235
°C for small/thin
packages.
Wave soldering
Conventional single wave soldering is not recommended
for surface mount devices (SMDs) or printed-circuit
boards with a high component density, as solder bridging
and non-wetting can present major problems.
To overcome these problems the double-wave soldering
method was specifically developed.
If wave soldering is used the following conditions must be
observed for optimal results:
• Use a double-wave soldering method comprising a
turbulent wave with high upward pressure followed by
a smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
– larger than or equal to 1.27 mm, the footprint
longitudinal axis is preferred to be parallel to the
transport direction of the printed-circuit board;
– smaller than 1.27 mm, the footprint longitudinal axis
must be parallel to the transport direction of the
printed-circuit board.
The footprint must incorporate solder thieves at the
downstream end.
• For packages with leads on four sides, the footprint
must be placed at a 45
° angle to the transport direction
of the printed-circuit board. The footprint must
incorporate solder thieves downstream and at the side
corners.
During placement and before soldering, the package
must be fixed with a droplet of adhesive. The adhesive
can be applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
Manual soldering
Fix the component by first soldering two
diagonally-opposite end leads. Use a low voltage (24 V or
less) soldering iron applied to the flat part of the lead.
Contact time must be limited to 10 seconds at up to
300
°C.
When using a dedicated tool, all other leads can be
soldered in one operation within 2 to 5 seconds between
270 and 320
°C.


Número de pieza similar - 74AUC1G02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GW PHILIPS-74AUC1G00GW Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G04 PHILIPS-74AUC1G04 Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
74AUC1G04GV PHILIPS-74AUC1G04GV Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
More results

Descripción similar - 74AUC1G02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com