Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT34RC02SP2ETE13REV-E Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT34RC02SP2ETE13REV-E
Descripción Electrónicos  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02SP2ETE13REV-E Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT34RC02SP2ETE13REV-E Datasheet HTML 2Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 3Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 9Page - Catalyst Semiconductor CAT34RC02SP2ETE13REV-E Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT34RC02
6
Doc. No. 1052, Rev. K
WRITE OPERATIONS
Byte Write
In Byte Write mode the Master creates a START condition,
and then broadcasts the Slave address, byte address
and data to be written. The Slave acknowledges the
three bytes by pulling down the SDA line during the 9th
clock cycle following each byte. The Master creates a
STOP condition after the last ACK from the Slave, which
then starts the internal write operation (Fig. 6). During
internal write, the Slave will ignore any read/write request
from the Master.
Page Write
The CAT34RC02 contains 256 bytes of data, arranged
in 16 pages of 16 bytes each. The page is selected by the
four most significant bits of the address byte presented
to the device after the Slave address, while the four least
significant bits point to the byte within the page. By
‘loading’ more than one data byte into the device, up to
an entire page can be written in one write cycle (Fig. 7).
The internal byte address counter will increment after
each data byte. If the Master transmits more than 16
data bytes, then earlier bytes will be overwritten by later
bytes in a ‘wrap-around’ fashion within the selected
page. The internal write cycle is started following the
STOP condition created by the Master.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT34RC02 is busy writing or is ready to accept
commands. Polling is implemented by sending a
‘Selective Read’ command (described under READ
OPERATIONS) to the device. The CAT34RC02 will not
acknowledge the Slave address, as long as internal
write is in progress.
WRITE PROTECTION
Hardware Write Protection
With the WP pin held HIGH, the entire memory, as well
as the SWP flags are protected against WRITE operations
(Fig. 9). If the WP pin is left floating or is grounded. then
it has no impact on the operation of the CAT34RC02.
Software Write Protection
The lower half of memory (first 128 bytes) can be
protected against WRITE operations by setting one of
two Software Write Protection (SWP) flags/switches.
The PSWP (Permanent Software Write Protection) flag
can be set but not cleared by the user. The RSWP
(Reversible Software Write Protection) flag can be set
and cleared by the user. Whereas the PSWP flag can be
set ‘in-system’, the RSWP flag is meant to be used
during testing. RSWP commands require the presence
of a very high voltage (higher than VCC) on address pin
A0 and fixed logic levels for the other two address pins.
The CAT34RC02 is shipped ‘unprotected’. The state of
the SWP flags can be read by issuing an ‘Immediate
Address Read’ command, with the Slave address
‘preamble’ set to 0110 (6h) instead of the ‘normal’ 1010
(Ah). A SWP READ will return the complemented versions
of the two flags in the last two slots of the resulting data
byte; the other six more significant bits in the data byte
have no meaning to the user (Fig. 11).
Figure 7. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0
*
Figure 6. Byte Write Timing


Número de pieza similar - CAT34RC02SP2ETE13REV-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT34RC02SP2ITE13 CATALYST-CAT34RC02SP2ITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02SP2ITE13 CATALYST-CAT34RC02SP2ITE13 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Descripción similar - CAT34RC02SP2ETE13REV-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com