Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDC7005ZVAT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDC7005ZVAT
Descripción Electrónicos  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDC7005ZVAT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC7005ZVAT Datasheet HTML 6Page - Texas Instruments CDC7005ZVAT Datasheet HTML 7Page - Texas Instruments CDC7005ZVAT Datasheet HTML 8Page - Texas Instruments CDC7005ZVAT Datasheet HTML 9Page - Texas Instruments CDC7005ZVAT Datasheet HTML 10Page - Texas Instruments CDC7005ZVAT Datasheet HTML 11Page - Texas Instruments CDC7005ZVAT Datasheet HTML 12Page - Texas Instruments CDC7005ZVAT Datasheet HTML 13Page - Texas Instruments CDC7005ZVAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description of the logic (continued)
Table 8. Lock Detect Window
LockW 1
LockW 0
REF_IN TO Yn TOLERABLE PHASE OFFSET (See Figure 4)
DEFAULT
0
0
±1.2 ns
Yes
0
1
±1.8 ns
1
0
±2.4 ns
1
1
±3 ns
Table 9. Charge Pump Current
CP3
CP2
CP1
CP0
NOMINAL CHARGE PUMP CURRENT†
DEFAULT
0
0
0
0
0.625 mA
0
0
0
1
1.25 mA
0
0
1
0
1.875 mA
0
0
1
1
2.5 mA
0
1
0
0
3.125 mA
0
1
0
1
3.75 mA
0
1
1
0
4.375 mA
0
1
1
1
5 mA
1
0
0
0
1 mA
1
0
0
1
2 mA
Yes
1
0
1
0
3 mA
1
0
1
1
4 mA
1
1
0
0
5 mA
1
1
0
1
6 mA
1
1
1
0
7 mA
1
1
1
1
8 mA
† With an internal or external reference resistor (12 kΩ) in use.
Table 10. MUXSEL Selection
MUXS2
MUXS1
MUXS0
SELECTED VCXO SIGNAL FOR THE PHASE
DISCRIMINATOR
DEFAULT
0
0
0
Y0
0
0
1
Y1
0
1
0
Y2
0
1
1
Y3
Yes
1
0
0
Y4
1
0
1
Y3
1
1
0
Y3
1
1
1
Y3


Número de pieza similar - CDC7005ZVAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC7005ZVAT TI-CDC7005ZVAT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
More results

Descripción similar - CDC7005ZVAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com