Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC322600PBXNBXXZL-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

No. de pieza TC322600PBXNBXXZL-PF
Descripción Electrónicos  TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACT [Advanced Crystal Technology]
Página de inicio  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC322600PBXNBXXZL-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TC322600PBXNBXXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TC322600PBXNBXXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology TC322600PBXNBXXZL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TCSW32 Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  8.192MHz ~ 40.0MHz
 
 Supply voltage
Vcc  1.8V, 2.5V,3.3V, 5.0V
 
 Initial frequency tolerance  
F_tol  <±1.0ppm  At +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.2ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.2ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 At +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output wave form
 Clipped sine wave
 Output voltage level
 0.8V p‐p (min.)
 Output Load
 10KΩ//10pF
 Output format
  Require external DC block capacitor.
 Current consumption
Icc
 10.0~15MHz: 1.5mA, 15.01~26.0MHz: 2.0mA    
 26.01~40.0MHz: 2.5mA
 Start‐up time
T_str  2.0m sec (typ.), 5.0m sec. (Max.)
 Reach 90% amplitude at +25°C±2°C
 VC‐TCXO option only
 Control voltage
 Vc
 1.8V : 0.9V ± 0.6V ; 2.5V : 1.4V ± 1.0V
 
 3.0V : 1.5V ± 1.0V ; 5.0V : 1.5V ± 1.0V
 Frequency tuning (ppm)
 ±5.0ppm
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 Positive voltage for positive frequency  shift 
 Input impedance  1.0MΩ min
 Modulation bandwidth  3.0kHz min
 Note: The device is ESD sensitive and moisture sensitive level (MSL) ‐ 1
 Table 1 Frequency stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√
‐10°C to 60°C 
Enq.
√√√√
‐20°C to 70°C 
X
√√√√
‐30°C to 75°C 
X
√√√√
‐30°C to 85°C 
X
√√√√
‐40°C to 85°C 
XEnq.
√√√√
             Phase noise (13.0MHz example)                         dBc/Hz typical
10Hz
‐80
100Hz
‐115
1kHz
‐135
10kHz
‐148
100kHz
‐148
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave
Dimensions(Unit:mm)
From ±0.5ppm stability over 0°C to 50°C
3.2
0.70
1.50
2.40
1.00
1
2
3
4
1
2
3
4
Land pattern
1.00 mm
Bottom view
Top view
1
2
34


Número de pieza similar - TC322600PBXNBXXZL-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
TC3200 FUMAN-TC3200 Datasheet
147Kb / 3P
   Low noise DC/DC converter IC
logo
Toshiba Semiconductor
TC32168FTG TOSHIBA-TC32168FTG Datasheet
1Mb / 91P
   5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2016-08-31 Ver. 1
TC32169FTG TOSHIBA-TC32169FTG Datasheet
1Mb / 91P
   5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2017-09-19 Ver. 1
logo
Productwell Precision E...
TC3216D-201M PRODUCTWELL-TC3216D-201M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3216D-301M PRODUCTWELL-TC3216D-301M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Descripción similar - TC322600PBXNBXXZL-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Crystal Techno...
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com