Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP07DRZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza OP07DRZ
Descripción Electrónicos  150 關V Maximum Offset Voltage Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP07DRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP07DRZ Datasheet HTML 3Page - Analog Devices OP07DRZ Datasheet HTML 4Page - Analog Devices OP07DRZ Datasheet HTML 5Page - Analog Devices OP07DRZ Datasheet HTML 6Page - Analog Devices OP07DRZ Datasheet HTML 7Page - Analog Devices OP07DRZ Datasheet HTML 8Page - Analog Devices OP07DRZ Datasheet HTML 9Page - Analog Devices OP07DRZ Datasheet HTML 10Page - Analog Devices OP07DRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OP07D
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
5
10
15
20
25
30
35
40
45
–100 –80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
VS = ±15V
Figure 2. Number of Amplifiers vs. Offset Voltage
40
0
5
10
15
20
25
30
35
–100
–80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
VS = ±5V
Figure 3. Number of Amplifiers vs. Offset Voltage
50
40
30
20
10
0
0
1.05
0.90
0.75
0.60
0.45
0.30
0.15
TCVOS (µV/°C)
VS = ±5V
Figure 4. Number of Amplifiers vs. TCVOS
45
40
35
30
25
20
15
10
5
0
0
1.20
1.05
0.90
0.75
0.60
0.45
0.30
0.15
TCVOS (µV/°C)
VS = ±15V
Figure 5. Number of Amplifiers vs. TCVOS
200
–200
–150
–100
–50
0
50
100
150
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
Figure 6. Offset Voltage vs. Temperature
200
–200
–150
–100
–50
0
50
100
150
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
Figure 7. Offset Voltage vs. Temperature


Número de pieza similar - OP07DRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP07DRZ AD-OP07DRZ Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
OP07DRZ-REEL AD-OP07DRZ-REEL Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
OP07DRZ-REEL7 AD-OP07DRZ-REEL7 Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
More results

Descripción similar - OP07DRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
logo
STMicroelectronics
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
   High bandwidth (22 MHz) low offset (200 關V) 5 V op amp
Rev 3 - May 2021
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com