Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-BGA272A-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

No. de pieza SS-BGA272A-01
Descripción Electrónicos  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA272A-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SS-BGA272A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA272A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA272A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA272A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Tolera nce s: ±0.125mm (unless state d
otherwise). Materials and specifica tion s
are subje ct to change without n oti ce.
Status: Released
Drawing: H. Hansen
Scale: 1.25:1
Rev: B
Date: 5/14/04
Modified: 1/21/05
File: SS-BGA272A-01 Dwg
SS-BGA272A-01 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1
2
Customer's PCB
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized 7075 Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized 7075 Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized 7075 Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized 7075 Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw, 18-8
SS, 0-80 Thread, 3/4" long.
Backin g Plate: Black anodized 7 075 Aluminum
In sulatio n Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Gu ide Screw: Pan head phillips, 1 8-8 SS,
0-80 thread, 3/1 6" long.
4
8
9
10
7
Latch : Black anod ized 7075 Aluminu m.
10
11
11
Top View
Side View
A
A
(Section AA)
49.225mm
[1.938"]
42.60mm
[1.677"]
Assembled 38mm
+ IC thickness


Número de pieza similar - SS-BGA272A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA225G-01 IRONWOOD-SS-BGA225G-01 Datasheet
92Kb / 4P
   Minimum real estate required
SS-BGA255B-01 IRONWOOD-SS-BGA255B-01 Datasheet
111Kb / 4P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA260A-01 IRONWOOD-SS-BGA260A-01 Datasheet
112Kb / 4P
   Minimum real estate required
More results

Descripción similar - SS-BGA272A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com