Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS-BGA324G-01 Datasheet(PDF) 4 Page - Ironwood Electronics.

No. de pieza SS-BGA324G-01
Descripción Electrónicos  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRONWOOD [Ironwood Electronics.]
Página de inicio  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324G-01 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-BGA324G-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324G-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324G-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA324G-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: J. Glab
Scale: N/A
Rev: A
Date: 10/31/07
Modified:
File: SS-BGA324G-01 Dwg
SS-BGA324G-01 Drawing
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
PAGE 4 of 4
Side View
Top View
Description: Backing Plate with Insulation Plate
Insulation Plate
Backing Plate
6.35mm
1.59mm
Ø 1.61mm±0.05mm (x4)
3.00mm
7.00mm
2.50mm
26.73mm
21.725mm±0.025mm
15.94mm
6.00mm sqr.
21.725mm±0.025mm
Note: Backing plate holes are tapped to accept 0-80 screws.
26.73mm


Número de pieza similar - SS-BGA324G-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324J-01 IRONWOOD-SS-BGA324J-01 Datasheet
241Kb / 4P
   Minimum real estate required
SS-BGA324J-02 IRONWOOD-SS-BGA324J-02 Datasheet
263Kb / 5P
   Minimum real estate required
SS-BGA324J-M-01 IRONWOOD-SS-BGA324J-M-01 Datasheet
131Kb / 3P
   Minimum real estate required
SS-BGA324K-01 IRONWOOD-SS-BGA324K-01 Datasheet
243Kb / 4P
   Minimum real estate required
More results

Descripción similar - SS-BGA324G-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com