Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL3C Datasheet(PDF) 34 Page - Motorola, Inc

No. de Pieza. MC908QL3C
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL3C Datasheet(HTML) 34 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 34 / 222 page
background image
Memory
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
34
Freescale Semiconductor
2.5 Random-Access Memory (RAM)
This MCU includes static RAM. The locations in RAM below $0100 can be accessed using the more
efficient direct addressing mode, and any single bit in this area can be accessed with the bit manipulation
instructions (BCLR, BSET, BRCLR, and BRSET). Locating the most frequently accessed program
variables in this area of RAM is preferred.
The RAM retains data when the MCU is in low-power wait or stop mode. At power-on, the contents of
RAM are uninitialized. RAM data is unaffected by any reset provided that the supply voltage does not drop
below the minimum value for RAM retention.
For compatibility with older M68HC05 MCUs, the HC08 resets the stack pointer to $00FF. In the devices
that have RAM above $00FF, it is usually best to reinitialize the stack pointer to the top of the RAM so the
direct page RAM can be used for frequently accessed RAM variables and bit-addressable program
variables.
Include the following 2-instruction sequence in your reset initialization routine (where RamLast is equated
to the highest address of the RAM).
LDHX
#RamLast+1
;point one past RAM
TXS
;SP<-(H:X-1)
2.6 FLASH Memory (FLASH)
The FLASH memory is intended primarily for program storage. In-circuit programming allows the
operating program to be loaded into the FLASH memory after final assembly of the application product.
It is possible to program the entire array through the single-wire monitor mode interface. Because no
special voltages are needed for FLASH erase and programming operations, in-application programming
is also possible through other software-controlled communication paths.
This subsection describes the operation of the embedded FLASH memory. The FLASH memory can be
read, programmed, and erased from the internal VDD supply. The program and erase operations are
enabled through the use of an internal charge pump.
The minimum size of FLASH memory that can be erased is 64 bytes; and the maximum size of FLASH
memory that can be programmed in a program cycle is 32 bytes (a row). Program and erase operations
are facilitated through control bits in the FLASH control register (FLCR). Details for these operations
appear later in this section.
NOTE
An erased bit reads as a 1 and a programmed bit reads as a 0. A security
feature prevents viewing of the FLASH contents.(1)
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult
for unauthorized users.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn