Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL3C Datasheet(PDF) 47 Page - Motorola, Inc

No. de Pieza. MC908QL3C
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL3C Datasheet(HTML) 47 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 47 / 222 page
background image
Functional Description
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
47
When a conversion is aborted, the contents of the data registers, ADRH and ADRL, are not altered but
continue to be the values transferred after the completion of the last successful conversion. In the case
that the conversion was aborted by a reset, ADRH and ADRL return to their reset states.
Upon reset or when a conversion is otherwise aborted, the ADC10 module will enter a low power, inactive
state. In this state, all internal clocks and references are disabled. This state is entered asynchronously
and immediately upon aborting of a conversion.
3.3.3.4 Total Conversion Time
The total conversion time depends on many factors such as sample time, bus frequency, whether
ACLKEN is set, and synchronization time. The total conversion time is summarized in Table 3-1.
The maximum total conversion time for a single conversion or the first conversion in continuous
conversion mode is determined by the clock source chosen and the divide ratio selected. The clock
source is selectable by the ADICLK and ACLKEN bits, and the divide ratio is specified by the ADIV bits.
For example, if the alternate clock source is 16 MHz and is selected as the input clock source, the input
clock divide-by-8 ratio is selected and the bus frequency is 4 MHz, then the conversion time for a single
10-bit conversion is:
NOTE
The ADCK frequency must be between fADCK minimum and fADCK
maximum to meet A/D specifications.
Table 3-1. Total Conversion Time versus Control Conditions
Conversion Mode
ACLKEN
Maximum Conversion Time
8-Bit Mode (short sample — ADLSMP = 0):
Single or 1st continuous
Single or 1st continuous
Subsequent continuous (fBus ≥ fADCK)
0
1
X
18 ADCK + 3 bus clock
18 ADCK + 3 bus clock + 5
µs
16 ADCK
8-Bit Mode (long sample — ADLSMP = 1):
Single or 1st continuous
Single or 1st continuous
Subsequent continuous (fBus ≥ fADCK)
0
1
X
38 ADCK + 3 bus clock
38 ADCK + 3 bus clock + 5
µs
36 ADCK
10-Bit Mode (short sample — ADLSMP = 0):
Single or 1st continuous
Single or 1st continuous
Subsequent continuous (fBus ≥ fADCK)
0
1
X
21 ADCK + 3 bus clock
21 ADCK + 3 bus clock + 5
µs
19 ADCK
10-Bit Mode (long sample — ADLSMP = 1):
Single or 1st continuous
Single or 1st continuous
Subsequent continuous (fBus ≥ fADCK)
0
1
X
41 ADCK + 3 bus clock
41 ADCK + 3 bus clock + 5
µs
39 ADCK
21 ADCK cycles
Maximum Conversion time =
16 MHz/8
Number of bus cycles = 11.25
µs x 4 MHz = 45 cycles
3 bus cycles
4 MHz
+
= 11.25
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn