Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL3C Datasheet(PDF) 89 Page - Motorola, Inc

No. de Pieza. MC908QL3C
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL3C Datasheet(HTML) 89 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 89 / 222 page
background image
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
89
Chapter 9
Keyboard Interrupt Module (KBI)
9.1 Introduction
The keyboard interrupt module (KBI) provides independently maskable external interrupts.
The KBI shares its pins with general-purpose input/output (I/O) port pins. See Figure 9-1 for port location
of these shared pins.
9.2 Features
Features of the keyboard interrupt module include:
Keyboard interrupt pins with separate keyboard interrupt enable bits and one keyboard interrupt
mask
Programmable edge-only or edge and level interrupt sensitivity
Edge sensitivity programmable for rising or falling edge
Level sensitivity programmable for high or low level
KBI can be configured to use either internal or external pullup/pulldown devices using PTAPUE,
see 12.2.3 Port A Input Pullup/Down Enable Register
When in internal device is enabled, pullup or pulldown device automatically configured based
on the polarity of edge or level detect
Exit from low-power modes
9.3 Functional Description
The keyboard interrupt module controls the enabling/disabling of interrupt functions on the KBI pins.
These pins can be enabled/disabled independently of each other. See Figure 9-2.
9.3.1 Keyboard Operation
Writing to the KBIEx bits in the keyboard interrupt enable register (KBIER) independently enables or
disables each KBI pin. The polarity of the keyboard interrupt is controlled using the KBIPx bits in the
keyboard interrupt polarity register (KBIPR). Edge-only or edge and level sensitivity is controlled using the
MODEK bit in the keyboard status and control register (KBISCR).
Enabling a keyboard interrupt pin also enables its internal pullup or pulldown device based on the polarity
enabled and the corresponding port pullup/down enable bit, PTAPUEx see 12.2.3 Port A Input
Pullup/Down Enable Register. On falling edge or low level detection, a pullup device is configured. On
rising edge or high level detection, a pulldown device is configured.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn