Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL3C Datasheet(PDF) 93 Page - Motorola, Inc

No. de Pieza. MC908QL3C
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL3C Datasheet(HTML) 93 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 93 / 222 page
background image
Low-Power Modes
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
93
9.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
9.5.1 Wait Mode
The KBI module remains active in wait mode. Clearing IMASKK in KBSCR enables keyboard interrupt
requests to bring the MCU out of wait mode.
9.5.2 Stop Mode
The KBI module remains active in stop mode. Clearing IMASKK in KBSCR enables keyboard interrupt
requests to bring the MCU out of stop mode.
9.6 KBI During Break Interrupts
The system integration module (SIM) controls whether status bits in other modules can be cleared during
the break state. The BCFE bit in the break flag control register (BFCR) enables software to clear status
bits during the break state. See BFCR in the SIM section of this data sheet.
To allow software to clear status bits during a break interrupt, write a 1 to BCFE. If a status bit is cleared
during the break state, it remains cleared when the MCU exits the break state.
To protect status bits during the break state, write a 0 to BCFE. With BCFE cleared (its default state),
software can read and write registers during the break state without affecting status bits. Some status bits
have a two-step read/write clearing procedure. If software does the first step on such a bit before the
break, the bit cannot change during the break state as long as BCFE is cleared. After the break, doing the
second step clears the status bit.
9.7 I/O Signals
The KBI module can share its pins with the general-purpose I/O pins. See Figure 9-1 for the port pins that
are shared.
9.7.1 KBI Input Pins (KBI5:KBI0)
Each KBI pin is independently programmable as an external interrupt source. KBI pin polarity can be
controlled independently. Each KBI pin when enabled can be configured to use an internal pullup/pulldown
device using the corresponding PTAPUEx bit see 12.2.3 Port A Input Pullup/Down Enable Register. The
selection of pullup or pulldown is automatically configured to match the polarity selected in KBIPR.
9.8 Registers
The following registers control and monitor operation of the KBI module:
KBSCR (keyboard interrupt status and control register)
KBIER (keyboard interrupt enable register)
KBIPR (keyboard interrupt polarity register)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn