Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL2V Datasheet(PDF) 38 Page - Motorola, Inc

No. de Pieza. MC908QL2V
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL2V Datasheet(HTML) 38 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 38 / 222 page
background image
Memory
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
38
Freescale Semiconductor
2.6.4 FLASH Program Operation
Programming of the FLASH memory is done on a row basis. A row consists of 32 consecutive bytes
starting from addresses $XX00, $XX20, $XX40, $XX60, $XX80, $XXA0, $XXC0, or $XXE0. Use the
following step-by-step procedure to program a row of FLASH memory
Figure 2-4 shows a flowchart of the programming algorithm.
NOTE
Do not program any byte in the FLASH more than once after a successful
erase operation. Reprogramming bits to a byte which is already
programmed is not allowed without first erasing the page in which the byte
resides or mass erasing the entire FLASH memory. Programming without
first erasing may disturb data stored in the FLASH.
1.
Set the PGM bit. This configures the memory for program operation and enables the latching of
address and data for programming.
2.
Read the FLASH block protect register.
3.
Write any data to any FLASH location within the address range desired.
4.
Wait for a time, tNVS.
5.
Set the HVEN bit.
6.
Wait for a time, tPGS.
7.
Write data to the FLASH address being programmed(1).
8.
Wait for time, tPROG.
9.
Repeat step 7 and 8 until all desired bytes within the row are programmed.
10.
Clear the PGM bit (1).
11.
Wait for time, tNVH.
12.
Clear the HVEN bit.
13.
After time, tRCV, the memory can be accessed in read mode again.
NOTE
The COP register at location $FFFF should not be written between steps
5-12, when the HVEN bit is set. Since this register is located at a valid
FLASH address, unpredictable behavior may occur if this location is written
while HVEN is set.
This program sequence is repeated throughout the memory until all data is programmed.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps. Do not exceed tPROG maximum, see 17.15
Memory Characteristics.
1. The time between each FLASH address change, or the time between the last FLASH address programmed to clearing
PGM bit, must not exceed the maximum programming time, tPROG maximum.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn