Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL2V Datasheet(PDF) 53 Page - Motorola, Inc

No. de Pieza. MC908QL2V
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL2V Datasheet(HTML) 53 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 53 / 222 page
background image
Registers
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
53
(with ACLKEN low), continuous conversions will cease and can be restarted only with a write to
ADCSC. Any write to ADCSC with ADCO set and the ADCH bits not all 1s will abort the current
conversion and begin continuous conversions.
If the bus frequency is less than the ADCK frequency, precise sample time for continuous conversions
cannot be guaranteed in short-sample mode (ADLSMP = 0). If the bus frequency is less than 1/11th
of the ADCK frequency, precise sample time for continuous conversions cannot be guaranteed in
long-sample mode (ADLSMP = 1).
When clear, the ADC10 will perform a single conversion (single conversion mode) each time ADCSC
is written (assuming the ADCH[4:0] bits do not decode all 1s).
1 = Continuous conversion following a write to ADCSC
0 = One conversion following a write to ADCSC
ADCH[4:0] — Channel Select Bits
The ADCH[4:0] bits form a 5-bit field that is used to select one of the input channels. The input
channels are detailed in Table 3-2. The successive approximation converter subsystem is turned off
when the channel select bits are all set to 1. This feature allows explicit disabling of the ADC10 and
isolation of the input channel from the I/O pad. Terminating continuous conversion mode this way will
prevent an additional, single conversion from being performed. It is not necessary to set the channel
select bits to all 1s to place the ADC10 in a low-power state, however, because the module is
automatically placed in a low-power state when a conversion completes.
Table 3-2. Input Channel Select
ADCH4
ADCH3
ADCH2
ADCH1
ADCH0
Input Select(1)
1. If any unused or reserved channels are selected, the resulting conversion will be unknown.
0
000
0
AD0
0
000
1
AD1
0
001
0
AD2
0
001
1
AD3
0
010
0
AD4
0
010
1
AD5
0
011
0
Unused
Continuing through
Unused
1
100
1
Unused
1
1
0
1
0
BANDGAP REF(2)
2. Requires LVI to be powered (LVIPWRD = 0, in CONFIG1)
1
1
0
1
1
Reserved
1
110
0
Reserved
1
110
1
VREFH
1
111
0
VREFL
1
1
1
1
1
Low-power state


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn