Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL2V Datasheet(PDF) 54 Page - Motorola, Inc

No. de Pieza. MC908QL2V
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL2V Datasheet(HTML) 54 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 54 / 222 page
background image
Analog-to-Digital Converter (ADC10) Module
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
54
Freescale Semiconductor
3.8.2 ADC10 Result High Register (ADRH)
This register holds the MSBs of the result and is updated each time a conversion completes. All other bits
read as 0s. Reading ADRH prevents the ADC10 from transferring subsequent conversion results into the
result registers until ADRL is read. If ADRL is not read until the after next conversion is completed, then
the intermediate conversion result will be lost. In 8-bit mode, this register contains no interlocking with
ADRL.
3.8.3 ADC10 Result Low Register (ADRL)
This register holds the LSBs of the result. This register is updated each time a conversion completes.
Reading ADRH prevents the ADC10 from transferring subsequent conversion results into the result
registers until ADRL is read. If ADRL is not read until the after next conversion is completed, then the
intermediate conversion result will be lost. In 8-bit mode, there is no interlocking with ADRH.
Bit 7
654321
Bit 0
Read:
00000000
Write:
Reset:
00000000
= Unimplemented
Figure 3-4. ADC10 Data Register High (ADRH), 8-Bit Mode
Bit 7
654321
Bit 0
Read:
000000
AD9
AD8
Write:
Reset:
00000000
= Unimplemented
Figure 3-5. ADC10 Data Register High (ADRH), 10-Bit Mode
Bit 7
654321
Bit 0
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
Reset:
00000000
= Unimplemented
Figure 3-6. ADC10 Data Register Low (ADRL)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn