Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QL2V Datasheet(PDF) 77 Page - Motorola, Inc

No. de Pieza. MC908QL2V
Descripción  Microcontrollers
Descarga  222 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QL2V Datasheet(HTML) 77 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 77 / 222 page
background image
Instruction Set Summary
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
77
BHS rel
Branch if Higher or Same
(Same as BCC)
PC
← (PC) + 2 + rel ? (C) = 0
–––– –– REL
24
rr
3
BIH rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1
–––– –– REL
2F
rr
3
BIL rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0
–––– –– REL
2E
rr
3
BIT #opr
BIT opr
BIT opr
BIT opr,X
BIT opr,X
BIT ,X
BIT opr,SP
BIT opr,SP
Bit Test
(A) & (M)
0 – –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A5
B5
C5
D5
E5
F5
9EE5
9ED5
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
BLE opr
Branch if Less Than or Equal To
(Signed Operands)
PC
← (PC) + 2 + rel ? (Z) | (N
V) = 1 –––– –– REL
93
rr
3
BLO rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? (C) = 1
–––– –– REL
25
rr
3
BLS rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? (C) | (Z) = 1
–––– –– REL
23
rr
3
BLT opr
Branch if Less Than (Signed Operands)
PC
← (PC) + 2 + rel ? (N
V) =1
–––– –– REL
91
rr
3
BMC rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? (I) = 0
–––– –– REL
2C
rr
3
BMI rel
Branch if Minus
PC
← (PC) + 2 + rel ? (N) = 1
–––– –– REL
2B
rr
3
BMS rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? (I) = 1
–––– –– REL
2D
rr
3
BNE rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? (Z) = 0
–––– –– REL
26
rr
3
BPL rel
Branch if Plus
PC
← (PC) + 2 + rel ? (N) = 0
–––– –– REL
2A
rr
3
BRA rel
Branch Always
PC
← (PC) + 2 + rel
–––– –– REL
20
rr
3
BRCLR n,opr,rel Branch if Bit n in M Clear
PC
← (PC) + 3 + rel ? (Mn) = 0
–––– –
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
PC
← (PC) + 2
–––– –– REL
21
rr
3
BRSET n,opr,rel Branch if Bit n in M Set
PC
← (PC) + 3 + rel ? (Mn) = 1
–––– –
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET n,opr
Set Bit n in M
Mn
← 1
–––– ––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
4
4
4
4
4
4
4
4
BSR rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
–––– –– REL
AD
rr
4
CBEQ opr,rel
CBEQA #opr,rel
CBEQX #opr,rel
CBEQ opr,X+,rel
CBEQ X+,rel
CBEQ opr,SP,rel
Compare and Branch if Equal
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 3 + rel ? (X) – (M) = $00
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 2 + rel ? (A) – (M) = $00
PC
← (PC) + 4 + rel ? (A) – (M) = $00
–––– ––
DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E61
dd rr
ii rr
ii rr
ff rr
rr
ff rr
5
4
4
5
4
6
CLC
Clear Carry Bit
C
← 0
–––– –0 INH
98
1
CLI
Clear Interrupt Mask
I
← 0
––0– –– INH
9A
2
Table 7-1. Instruction Set Summary (Sheet 2 of 6)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn