Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QL2M Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC908QL2M
Descripción Electrónicos  Microcontrollers
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC908QL2M Datasheet(HTML) 4 Page - Motorola, Inc

  MC908QL2M Datasheet HTML 1Page - Motorola, Inc MC908QL2M Datasheet HTML 2Page - Motorola, Inc MC908QL2M Datasheet HTML 3Page - Motorola, Inc MC908QL2M Datasheet HTML 4Page - Motorola, Inc MC908QL2M Datasheet HTML 5Page - Motorola, Inc MC908QL2M Datasheet HTML 6Page - Motorola, Inc MC908QL2M Datasheet HTML 7Page - Motorola, Inc MC908QL2M Datasheet HTML 8Page - Motorola, Inc MC908QL2M Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 222 page
background image
Revision History
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
4
Freescale Semiconductor
March,
2004
2.0
Figure 2-2. Control, Status, and Data Registers
Corrected reset state for the FLASH Block Protect Register.
Corrected reset value for the Internal Oscillator Time Value
33
34
Table 7-1. Instruction Set Summary — Added WAIT instruction
83
11.8.1 Oscillator Status and Control Register — Revised description of
ECGON bit for clarity
117
Table 13-3. Interrupt Sources — Corrected address locations for SLIC,
KBI, and ADC
140
14.3.5 SLIC Wait (Core Specific) — Revised description for clarity
144
14.3.7 SLIC Stop (Core Specific) — Revised description for clarity
144
14.6.6.2 Byte Transfer Mode Operation — Revised definition of Receiver
Buffer Overrun Error
156
14.7.1 LIN Message Frame Header — Revised third paragraph of
description
161
14.14 Sleep and Wakeup Operation — Revised second paragraph of
description
174
15.8 Input/Output Signals — Corrected reference from PTA0/TCH) to
PTB0/TCH0
196
15.8.2 TIM Channel I/O Pins (PTB0/TCH0 and PTA1/TCH1) —
Corrected reference to from PTA0/TCH) to PTB0/TCH0
196
Figure 16-1. Block Diagram Highlighting BRK and MON Blocks — Added
206
17.5 5-V DC Electrical Characteristics — Updated table notes
227
17.8 5-V Oscillator Characteristics — Updated table notes
230
17.9 3.3-V DC Electrical Characteristics — Updated table notes
231
June,
2004
3.0
Modular sections reworked for clarity.
Throughout
December,
2004
4.0
Updated to final Freescale format. Corrections per email review.
Replaced ADC chapter with latest.
Throughout
Table 1-3. Function Priority in Shared Pins — Updated entry for PTA2
23
Figure 1-2. MCU Pin Assignments — Corrected pin assignments for the
TSSOP packages.
21
17.11 Oscillator Characteristics — Updated deviation from trimmed
internal oscillator specifications.
210
17.8 3.3-V DC Electrical Characteristics — Corrected capacitance values
208
17.11 Oscillator Characteristics — Corrected Note 8
211
Revision History (Sheet 2 of 2)
Date
Revision
Level
Description
Page
Number(s)


Número de pieza similar - MC908QL2M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QL4 FREESCALE-MC908QL4 Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDTE FREESCALE-MC908QL4CDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDWE FREESCALE-MC908QL4CDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDTE FREESCALE-MC908QL4MDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDWE FREESCALE-MC908QL4MDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QL2M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com