Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QL3DW Datasheet(PDF) 83 Page - Motorola, Inc

No. de pieza MC908QL3DW
Descripción Electrónicos  Microcontrollers
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC908QL3DW Datasheet(HTML) 83 Page - Motorola, Inc

Back Button MC908QL3DW Datasheet HTML 79Page - Motorola, Inc MC908QL3DW Datasheet HTML 80Page - Motorola, Inc MC908QL3DW Datasheet HTML 81Page - Motorola, Inc MC908QL3DW Datasheet HTML 82Page - Motorola, Inc MC908QL3DW Datasheet HTML 83Page - Motorola, Inc MC908QL3DW Datasheet HTML 84Page - Motorola, Inc MC908QL3DW Datasheet HTML 85Page - Motorola, Inc MC908QL3DW Datasheet HTML 86Page - Motorola, Inc MC908QL3DW Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 222 page
background image
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
83
Chapter 8
External Interrupt (IRQ)
8.1 Introduction
The IRQ (external interrupt) module provides a maskable interrupt input.
IRQ functionality is enabled by setting configuration register 2 (CONFIG2) IRQEN bit accordingly. A zero
disables the IRQ function and IRQ will assume the other shared functionalities. A one enables the IRQ
function. See Chapter 5 Configuration Register (CONFIG) for more information on enabling the IRQ pin.
The IRQ pin shares its pin with general-purpose input/output (I/O) port pins. See Figure 8-1 for port
location of this shared pin.
8.2 Features
Features of the IRQ module include:
A dedicated external interrupt pin IRQ
IRQ interrupt control bits
Programmable edge-only or edge and level interrupt sensitivity
Automatic interrupt acknowledge
Internal pullup device
8.3 Functional Description
A low level applied to the external interrupt request (IRQ) pin can latch a CPU interrupt request. Figure 8-2
shows the structure of the IRQ module.
Interrupt signals on the IRQ pin are latched into the IRQ latch. The IRQ latch remains set until one of the
following actions occurs:
IRQ vector fetch. An IRQ vector fetch automatically generates an interrupt acknowledge signal that
clears the latch that caused the vector fetch.
Software clear. Software can clear the IRQ latch by writing a 1 to the ACK bit in the interrupt status
and control register (INTSCR).
Reset. A reset automatically clears the IRQ latch.
The external IRQ pin is falling edge sensitive out of reset and is software-configurable to be either falling
edge or falling edge and low level sensitive. The MODE bit in INTSCR controls the triggering sensitivity
of the IRQ pin.


Número de pieza similar - MC908QL3DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QL4 FREESCALE-MC908QL4 Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDTE FREESCALE-MC908QL4CDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDWE FREESCALE-MC908QL4CDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDTE FREESCALE-MC908QL4MDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDWE FREESCALE-MC908QL4MDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QL3DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com