Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QL4DT Datasheet(PDF) 55 Page - Motorola, Inc

No. de pieza MC908QL4DT
Descripción Electrónicos  Microcontrollers
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC908QL4DT Datasheet(HTML) 55 Page - Motorola, Inc

Back Button MC908QL4DT Datasheet HTML 51Page - Motorola, Inc MC908QL4DT Datasheet HTML 52Page - Motorola, Inc MC908QL4DT Datasheet HTML 53Page - Motorola, Inc MC908QL4DT Datasheet HTML 54Page - Motorola, Inc MC908QL4DT Datasheet HTML 55Page - Motorola, Inc MC908QL4DT Datasheet HTML 56Page - Motorola, Inc MC908QL4DT Datasheet HTML 57Page - Motorola, Inc MC908QL4DT Datasheet HTML 58Page - Motorola, Inc MC908QL4DT Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 222 page
background image
Registers
MC68HC908QL4 • MC68HC908QL3 • MC68HC908QL2 Data Sheet, Rev. 4
Freescale Semiconductor
55
3.8.4 ADC10 Clock Register (ADCLK)
This register selects the clock frequency for the ADC10 and the modes of operation.
ADLPC — ADC10 Low-Power Configuration Bit
ADLPC controls the speed and power configuration of the successive approximation converter. This
is used to optimize power consumption when higher sample rates are not required.
1 = Low-power configuration: The power is reduced at the expense of maximum clock speed.
0 = High-speed configuration
ADIV[1:0] — ADC10 Clock Divider Bits
ADIV1 and ADIV0 select the divide ratio used by the ADC10 to generate the internal clock ADCK.
Table 3-3 shows the available clock configurations.
ADICLK — Input Clock Select Bit
If ACLKEN is clear, ADICLK selects either the bus clock or an alternate clock source as the input clock
source to generate the internal clock ADCK. If the alternate clock source is less than the minimum
clock speed, use the internally-generated bus clock as the clock source. As long as the internal clock
ADCK, which is equal to the selected input clock divided by ADIV, is at a frequency (fADCK) between
the minimum and maximum clock speeds (considering ALPC), correct operation can be guaranteed.
1 = The internal bus clock is selected as the input clock source
0 = The alternate clock source IS SELECTED
MODE[1:0] — 10- or 8-Bit or Hardware Triggered Mode Selection
These bits select 10- or 8-bit operation. The successive approximation converter generates a result
that is rounded to 8- or 10-bit value based on the mode selection. This rounding process sets the
transfer function to transition at the midpoint between the ideal code voltages, causing a quantization
error of ± 1/2LSB.
Reset returns 8-bit mode.
00 = 8-bit, right-justified, ADCSC software triggered mode enabled
01 = 10-bit, right-justified, ADCSC software triggered mode enabled
10 = Reserved
11 = 10-bit, right-justified, hardware triggered mode enabled
Bit 7
654321
Bit 0
Read:
ADLPC
ADIV1
ADIV0
ADICLK
MODE1
MODE0
ADLSMP
ACLKEN
Write:
Reset:
00000000
Figure 3-7. ADC10 Clock Register (ADCLK)
Table 3-3. ADC10 Clock Divide Ratio
ADIV1
ADIV0
Divide Ratio (ADIV)
Clock Rate
0
0
1
Input clock
÷ 1
0
1
2
Input clock
÷ 2
1
0
4
Input clock
÷ 4
1
1
8
Input clock
÷ 8


Número de pieza similar - MC908QL4DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QL4 FREESCALE-MC908QL4 Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDTE FREESCALE-MC908QL4CDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4CDWE FREESCALE-MC908QL4CDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDTE FREESCALE-MC908QL4MDTE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
MC908QL4MDWE FREESCALE-MC908QL4MDWE Datasheet
2Mb / 226P
   M68HC08 Microcontrollers
More results

Descripción similar - MC908QL4DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com