Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDC-MSD30AG Datasheet(PDF) 10 Page - Laird Tech Smart Technology

No. de pieza SDC-MSD30AG
Descripción Electrónicos  HARDWARE INTEGRATION GUIDE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SDC-MSD30AG Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button SDC-MSD30AG Datasheet HTML 6Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 7Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 8Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 9Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 10Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 11Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 12Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 13Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SDC-MSD30AG
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/wireless
10
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
DC ELECTRICAL CHARACTERISTICS
Table 1: Specifications
Symbol
Parameter
Min
Typ
Max
Unit
VCC
DC Supply Voltage
3.0
3.3
3.6
V
IVCC
DC Supply Current,
(max transmit power setting)
802.11a
Transmit: 380 mA (1254 mW)
Receive: 115 mA ( 380 mW)
Standby: 3 mA ( 10 mW)
802.11b/g
Transmit: 325 mA (1072 mW)
Receive: 95 mA ( 314 mW)
Standby: 2 mA ( 7 mW)
mA
VDDIO
Digital I/O Reference Voltage
-
-
-
V
IVDDIO
Digital I/O Current
0.05
0.40
mA
VIH
High Level Input Voltage
0.8 x
V
DDIO
-
V
DDIO+ 0.3
V
VIL
Low Level Input Voltage
–0.3
-
0.2 x V
DDIO
V
VOH
High Level Output Voltage
V
DDIO
0.35
-
-
V
VOL
Low Level Output Voltage
-
-
0.40
V
CIN
Input Capacitance
-
6
-
pF
Table 2: DC Electrical Characteristics
The MSD30AG has an internal pull-down on CHIP_PWD_L, so when the host pulls it high, the pad sinks
current. The amount of current depends on VDDIO. ~10µA for VDDIO = 1.8V and ~40µA when VDDIO =
3.3V. As a result, the solution power consumption is at least 18-132µW higher than the chip power
consumption in non-CHIP_PWD states.
The analog power-on reset circuit in the MSD30AG is also optimizer for VDDIO = 1.8V, thus the chip draws
an extra 3.5µA when VDDIO = 3.3V. The MSD30AG has an internal pull-up on SYS_RST_L, thus to minimize
CHIP_PWD power consumption, customer designs should not tie CHIP_PWD_L and SYS_RST_L together.


Número de pieza similar - SDC-MSD30AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SDC-2124 SYNERGY-SDC-2124 Datasheet
154Kb / 1P
   HIGH POWER BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
SDC-250 ETC2-SDC-250 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-350 ETC2-SDC-350 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-400 ETC2-SDC-400 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
More results

Descripción similar - SDC-MSD30AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
STMicroelectronics
AN2466 STMICROELECTRONICS-AN2466 Datasheet
148Kb / 13P
   STMPE801 - Hardware Interface guide
logo
Texas Instruments
1325652 TI-1325652 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
List of Unclassifed Man...
MX150 ETC1-MX150 Datasheet
2Mb / 145P
   Universal Routing Platform Hardware Guide
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Microchip Technology
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
   PIC16F18446 Curiosity Nano Hardware User Guide
2018
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
   ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
   ATmega4809 Curiosity Nano Hardware User Guide
2018
logo
List of Unclassifed Man...
AWP24S ETC2-AWP24S Datasheet
376Kb / 23P
   HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com