Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS322600LCKNBXXZC-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology |
|
TS322600LCKNBXXZC-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology |
2 / 3 page TCXO part number generation TS32 2600 M B X N B N X Z L ‐PF ACT series Code Frequency (MHz) Ex. 26.00MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Polarity Duty Cycle Tape & Reel RoHS Code TS32 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 1.8V = D 2.5V = C 3.0V = E 3.3V = B 0 ~ 50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30 ~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K None = NCSW = BNone = XNone = XNot Specified = Z Loose = L 1000 = C 3000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example part number : TS322600MBXNBXXZL‐PF [26MHz], TS321474MBXNBXXZL‐PF [14.7456MHz] VC‐TCXO part number generation VTS32 1474 M B X N B X D P E Z L ‐PF ACT series Code Frequency (MHz) Ex. 14.7456MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Form Mechanical tuning (±ppm) Electrical tuning (±ppm) Polarity Linearity Duty Cycle Tape & Reel RoHS code VTS32 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 1.8V = D 2.5V = C 3.0V = E 3.3V = B 0 ~ 50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K Voltage control only = E CSW = B None = X ±5.0 = D ±10.0 = F Positive = P ±10% = E Not Specified = Z Loose = L 1000 = C 3000 = D ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full example part number : VTS321474MBXEBXDPEZL‐PF (14.7456MHz) (V)TSK3225 Series TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification |
Número de pieza similar - TS322600LCKNBXXZC-PF |
|
Descripción similar - TS322600LCKNBXXZC-PF |