Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5020SDX-1 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM5020SDX-1
Descripción Electrónicos  100V Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5020SDX-1 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5020SDX-1 Datasheet HTML 1Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 2Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 3Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 4Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 5Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 6Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 7Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 8Page - National Semiconductor (TI) LM5020SDX-1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM5020
100V Current Mode PWM Controller
General Description
The LM5020 high voltage pulse-width-modulation (PWM)
controller contains all of the features needed to implement
single ended primary power converter topologies. Output
voltage regulation is based on current-mode control, which
eases the design of loop compensation while providing in-
herent line feed-forward. The LM5020 includes a high-
voltage start-up regulator that operates over a wide input
range up to 100V. The PWM controller is designed for high
speed capability including an oscillator frequency range to
1MHz and total propagation delays less than 100ns. Addi-
tional features include an error amplifier, precision reference,
line under-voltage lockout, cycle-by-cycle current limit, slope
compensation, softstart, oscillator synchronization capability
and thermal shutdown. The controller is available in both
MSOP-10 and LLP-10 packages.
Features
n
Internal Start-up Bias Regulator
n
Error Amplifier
n
Precision Voltage Reference
n
Programmable Softstart
n
1A Peak Gate Driver
n
Maximum Duty Cycle Limiting (80% for LM5020-1 or
50% for LM5020-2)
n
Programmable Line Under Voltage Lockout (UVLO) with
Adjustable Hysteresis
n
Cycle-by-Cycle Over-Current Protection
n
Slope Compensation (LM5020-1)
n
Programmable Oscillator Frequency with
Synchronization Capability
n
Current Sense Leading Edge Blanking
n
Thermal Shutdown Protection
Packages
n
MSOP-10
n
LLP-10 (4 mmx4mm)
Connection Diagram
Top View
20095001
10-Lead MSOP, LLP
Ordering Information
Order Number
Description
NSC Package Drawing
Supplied As
LM5020MM-1
MSOP, 80% Duty Cycle Limit
MUB-10A
1000 Units on Tape and Reel
LM5020MMX-1
MSOP, 80% Duty Cycle Limit
MUB-10A
3500 Units on Tape and Reel
LM5020SD-1
LLP, 80% Duty Cycle Limit
SDC-10A
1000 Units on Tape and Reel
LM5020SDX-1
LLP, 80% Duty Cycle Limit
SDC-10A
4500 Units on Tape and Reel
LM5020MM-2
MSOP, 50% Duty Cycle Limit
MUB-10A
1000 Units on Tape and Reel
LM5020MMX-2
MSOP, 50% Duty Cycle Limit
MUB-10A
3500 Units on Tape and Reel
LM5020SD-2
LLP, 50% Duty Cycle Limit
SDC-10A
1000 Units on Tape and Reel
LM5020SDX-2
LLP, 50% Duty Cycle Limit
SDC-10A
4500 Units on Tape and Reel
October 2004
© 2004 National Semiconductor Corporation
DS200950
www.national.com


Número de pieza similar - LM5020SDX-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5020SDX-1 NSC-LM5020SDX-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020SDX-1 NSC-LM5020SDX-1 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020SDX-1/NOPB TI1-LM5020SDX-1/NOPB Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Descripción similar - LM5020SDX-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com