Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TP2L05D05S-1W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited |
|
TP2L05D05S-1W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited |
3 / 3 page TP2L-1W Series www.gztoppower.com TEL:0086-20-82019000 EMAIL:sales2@gztoppower.com Page 3 / 3 MECHANICAL DIMENSIONS PIN CONNECTIONS Pin Single Dual 1 GND GND 2 Vin Vin 3 CTRL CTRL 5 * NC NC 6 +V0 +V0 7 0V 0V 8 CS -V0 RECOMMENDED FOOTPRINT DETAILS TUBE OUTLINE DIMENSIONS SOLDERING INFORMATION TEMPERATURE DERATING GRAPHS This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃for 10 seconds. The series is backward compatible with Sn/Pb soldering systems. Weight: 5.0g All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and within±0.25mm of true position. bottom view 0.30 0.20 2.50 0.50 12.00 9.50 TP2L05D05S-1W YYWW 4.10 2.54 0.50 2.10±0.50 22.00 1 2 3 5 6 7 8 TOPPOWER Unless otherwise stated all dimensions in mm ±0.5mm. All dimensions in mm ±0.5mm. Tube length : 520mm ±2mm . Tube Quantity:15 0.60±0.15 1.50 5.20 5.00 6.00 14.20 7 孔 1.00 1.15 2.54 2.54 7HOLES 1.5 1.0 0.5 0 -40 0 50 100 150 Ambient Temperature(° C) 85° C Safe Operating Area *This pin must have no external connection. |
Número de pieza similar - TP2L05D05S-1W |
|
Descripción similar - TP2L05D05S-1W |