Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP03AC220S05W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

No. de pieza TP03AC220S05W
Descripción Electrónicos  3W 2.5KV Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AC220S05W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03AC220S05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AC220S05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AC220S05W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP03AC Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
The rated output power of TP03AC series is 3W with wide input voltage range, for both AC input
and DC input application. High reliability, precision, large power density, ultra-small size, no
external heat sink required, stable output voltage and etc, with over current protection, EMI filter
circuit, the rectifier filter circuit, 2500V isolation voltage, short circuit, overload, internal thermal
protection, Widely used in telecommunications, industrial control, instrument, data acquisition,
signal control and other electronic systems.
3W 2.5KV Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
2500
VAC
Seismic
10~55Hz
5
5
G
Over current protection
Full input range
Auto recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature :-25
ºC to 70ºC
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external
Rated
Range values
Voltage
(VDC)
Current
(A)
C1
、C2、C3
C4
(VAC)
TP03AC220S05
220(2:1)
165-265
5
0.6
71
0.1uF/25V
330uF/16V
TP03AC220S12
220(2:1)
165-265
12
0.25
76
0.1uF/25V
220uF/25V
TP03AC220S15
220(2:1)
165-265
15
0.20
77
0.1uF/25V
220uF/25V
TP03AC220S24
220(2:1)
165-265
24
0.12
77
0.1uF/25V
100uF/35V
TP03AC220D05
220(2:1)
165-265
±5
±0.3
71
0.1uF/25V
220uF/16V
TP03AC220D12
220(2:1)
165-265
±12
±0.125
76
0.1uF/25V
100uF/25V
TP03AC220D15
220(2:1)
165-265
±15
±0.1
78
0.1uF/25V
100uF/25V
TP03AC220S05W
220(4:1)
85-265
5
0.6
71
0.1uF/25V
330uF/16V
TP03AC220S12W
220(4:1)
85-265
12
0.25
76
0.1uF/25V
220uF/25V
TP03AC220S15W
220(4:1)
85-265
15
0.20
77
0.1uF/25V
220uF/25V
TP03AC220S24W
220(4:1)
85-265
24
0.12
77
0.1uF/25V
100uF/35V
TP03AC220D05W
220(4:1)
85-265
±5
±0.3
71
0.1uF/25V
220uF/16V
TP03AC220D12W
220(4:1)
85-265
±12
±0.125
76
0.1uF/25V
100uF/25V
TP03AC220D15W
220(4:1)
85-265
±15
±0.1
78
0.1uF/25V
100uF/25V
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(165V-265V)
165
220
265
VAC
Startup voltage
220VAC In module(85V-265V)
85
220
265
VAC
Start rising time
Non-capacitive load
20
ms


Número de pieza similar - TP03AC220S05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP03AC220S05W TOPPOWER-TP03AC220S05W Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220S05W TOPPOWER-TP03AC220S05W Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220S05W TOPPOWER-TP03AC220S05W Datasheet
713Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220S05W TOPPOWER-TP03AC220S05W Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220S05W TOPPOWER-TP03AC220S05W Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results

Descripción similar - TP03AC220S05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
   20W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com