Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5414337-1 Datasheet(PDF) 8 Page - Tyco Electronics

No. de pieza 5414337-1
Descripción Electrónicos  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

5414337-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 5414337-1 Datasheet HTML 4Page - Tyco Electronics 5414337-1 Datasheet HTML 5Page - Tyco Electronics 5414337-1 Datasheet HTML 6Page - Tyco Electronics 5414337-1 Datasheet HTML 7Page - Tyco Electronics 5414337-1 Datasheet HTML 8Page - Tyco Electronics 5414337-1 Datasheet HTML 9Page - Tyco Electronics 5414337-1 Datasheet HTML 10Page - Tyco Electronics 5414337-1 Datasheet HTML 11Page - Tyco Electronics 5414337-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SMB Connectors, Mini 75 Ohm
Product Facts
Industry standard for minia-
ture 75 ohm SMB
SMB offers snap-fit
coupling for quick
connect/disconnect
Suitable for high density
applications
Fast easy cable assembly
Low VSWR
Connectors offer consistent
mating and unmating forces
Straight plugs and jacks are
completely crimp termi-
nated
Low cost
Mini 75 ohm SMB connec-
tors are ideally suited for
circuit miniaturization in
communication, broadband
and switching equipment
as well as a variety of other
applications.
They offer the same low
consistent mating/unmating
force as Tyco Electronics
standard SMB products and
therefore, outer contact
resistance values are main-
tained from connector to
connector.
Standard military, commer-
cial or Tyco Electronics tool-
ing can be used to
terminate these products.
Cost effective assembly of
the straight plugs is com-
pleted with a crimp center
contact and hex crimp on
the outer braid. Right-angle
plugs have a hex crimp on
the outer braid ferrule and
bifurcated solder center
contacts.
Electrical Characteristics
Impedance — 75 ohms
Frequency Range — 0 to 4.0 GHz
Insulation Resistance — 1000 megohms
Contact Current Rating — 1.5 amps DC max.
Mechanical Characteristics
Engagement Forces — Initial—14.0 lbs. [62.3 N] maximum engagement.
After 500 matings, 14.0 lbs. [62.3 N] maximum engagement.
Durability—500 cycles
Environmental Characteristics
Temperature Rating — -65°C to +165°C
183
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors


Número de pieza similar - 5414337-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
541433 FESTO-541433 Datasheet
93Kb / 1P
   Air preparation combination unit
1/27/22
More results

Descripción similar - 5414337-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com