Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMO-WIFI07E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

No. de pieza AMO-WIFI07E
Descripción Electrónicos  Advantech Atheros AR9462, 802.11 a/b/g/nBT4.0 Mini PCIe Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADVANTECH [Advantech Co., Ltd.]
Página de inicio  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMO-WIFI07E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMO-WIFI07E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Wireless Modules
Features
Specifications
WIFI Portion Specifications
Main Chipset
Atheros® AR9462
Tx/Rx
2Tx/2Rx
Standard Conformance
802.11 a/b/g/n
Form Factor
PCIe signal with Half-size Mini PCIe card
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
3.3V±5%
Power Consumption
802.11a Continue Tx: 550 (Avg.mA)
802.11b Continue Tx: 405 (Avg.mA)
802.11g Continue Tx: 436 (Avg.mA)
802.11n (2.4GHz) Continue Tx: 365 (Avg.mA)
802.11n (5GHz) Continue Tx: 445 (Avg.mA)
Security
64-bit, 128-bit and 152-bit WEP encryption
802.1x authentication
AES-CCM & TKIP
OS Support
Windows XP/Vista/7/8 and Linux
Operation Temperature
Ranges
0° C to +70° C
Dimensions (L x W x H)
26.65 x 29.85 x 1.0mm
Bluetooth Portion Specifications
Main Chipset
Atheros® AR9462
Standard Conformance
Bluetooth c4.0 + HS
Frequency Range
2.400-2.4835 GHz
Frequency Tolerance
±40 kHz
Operation Voltage
3.3V±5%
Power Consumption
Idle mode: 15.1(Avg.mA)
Continuous DH5 Tx: 68.8 (Avg.mA)
Operation Temperature
Ranges
0° C to +70° C
AMO-WIFI07E
NEW
ƒ IEEE 802.11 a/b/g/n + Bluetooth 4.0 HS combo solution
ƒ Dual-band (2.4/5GHz) 2-stream 802.1n, Up to 300Mbps
ƒ 2Tx/ 2Rx
ƒ Security 64-bit, 128-bit and 152-bit WEP encryption, 802.1x authentication,
AES-CCM & TKIP
ƒ Operating temperature: 0 to 70° C
Packing List
Part Number
Description
-
1x 802.11 abgn+BT4.0 Mini PCIe Card
-
1x Half-size miniPCIe to miniPCIe bracket set
-
2x M2*3L Screws
-
2x Wireless Antenna
-
2x Wi-Fi Coaxial Cable
Ordering Information
Part No.
Product Description
AMO-WIFI07E
Advantech 802.11 abgn+BT4.0 Mini PCIe
Card,Cable,Antenna
RoHS
COMPLIANT
2002/95/EC
Advantech Atheros AR9462,
802.11 a/b/g/n+BT4.0 Mini PCIe Card
*For Japan market, please contact Advantech Module Team directly
(Tones.Yen #9452,Tones.Yen@advantech.com.tw) for proper WIFI+BT solution.
All product specifications are subject to change without notice
Last updated :1-Oct-2015


Número de pieza similar - AMO-WIFI07E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
AMO-WIFI07E ADVANTECH-AMO-WIFI07E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
AMO-WIFI07E ADVANTECH-AMO-WIFI07E_15 Datasheet
269Kb / 1P
   Advantech Atheros AR9462, 802.11 a/b/g/nBT4.0 Mini PCIe Card
More results

Descripción similar - AMO-WIFI07E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advantech Co., Ltd.
AMO-WIFI07E ADVANTECH-AMO-WIFI07E_15 Datasheet
269Kb / 1P
   Advantech Atheros AR9462, 802.11 a/b/g/nBT4.0 Mini PCIe Card
EWM-W151H ADVANTECH-EWM-W151H Datasheet
287Kb / 1P
   Advantech 802.11 b/g/n Mini PCIe Card
AMO-WIFI06E ADVANTECH-AMO-WIFI06E_13 Datasheet
208Kb / 1P
   Advantech 802.11 b/g/n Mini PCIe Card
EWM-W151H ADVANTECH-EWM-W151H_17 Datasheet
452Kb / 1P
   Advantech 802.11 b/g/n Mini PCIe Card
EWM-W150H ADVANTECH-EWM-W150H Datasheet
287Kb / 1P
   Advantech USB 802.11 b/g/n Mini PCIe Card
EWM-W135 ADVANTECH-EWM-W135_17 Datasheet
489Kb / 1P
   802.11 a/b/g/n Mini PCIe Card
EWM-W135 ADVANTECH-EWM-W135 Datasheet
794Kb / 1P
   802.11 a/b/g/n Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142_17 Datasheet
455Kb / 1P
   802.11 b/g/n Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142 Datasheet
822Kb / 1P
   802.11 b/g/n Mini PCIe Card
EWM-W145H ADVANTECH-EWM-W145H Datasheet
698Kb / 1P
   802.11 b/g/n Mini PCIe Card
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com