Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65086470RSKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65086470RSKT
Descripción Electrónicos  Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65086470RSKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65086470RSKT Datasheet HTML 5Page - Texas Instruments TPS65086470RSKT Datasheet HTML 6Page - Texas Instruments TPS65086470RSKT Datasheet HTML 7Page - Texas Instruments TPS65086470RSKT Datasheet HTML 8Page - Texas Instruments TPS65086470RSKT Datasheet HTML 9Page - Texas Instruments TPS65086470RSKT Datasheet HTML 10Page - Texas Instruments TPS65086470RSKT Datasheet HTML 11Page - Texas Instruments TPS65086470RSKT Datasheet HTML 12Page - Texas Instruments TPS65086470RSKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
9
TPS650864
www.ti.com
SWCS138 – FEBRUARY 2017
Submit Documentation Feedback
Product Folder Links: TPS650864
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ANALOG
VSYS
5.6
13
21
V
VREF
–0.3
1.3
V
PVIN3, PVIN4, PVIN5, LDO5P0, V5ANA, DRV5V_1_6, DRV5V_2_A1
–0.3
5.5
V
PGNDSNS1, PGNDSNS2, PGNDSNS6, AGND, FBGND2
–0.3
0.3
V
DRVH1, DRVH2, DRVH6, BOOT1, BOOT2, BOOT6
–0.3
26.5
v
DRVL1, DRVL2, DRVL6
–0.3
5.5
V
SW1, SW2, SW6
–1
21
V
LX3, LX4, LX5
–1
5.5
V
FBVOUT1, FBVOUT2, FBVOUT6, FB3, FB4, FB5
–0.3
3.6
V
LDO3P3, ILIM1, ILIM2, ILIM6, LDOA1
–0.3
3.3
V
PVINVTT
–0.3
1.2 / 1.35
FBVOUT6
V
VTT, VTTFB
–0.3
FBVOUT6
/ 2
V
PVINSWA1, SWA1, PVINSWB1_B2, SWB1, SWB2
–0.3
3.6
V
PVINLDOA2_A3
–0.3
1.8
V
LDOA2, LDOA3
–0.3
1.5
V
DIGITAL IO
DATA, CLK, CTL1–CTL6, GPO1–GPO4, IRQB
–0.3
3.3
V
CHIP
Operating ambient temperature, TA
–40
27
85
°C
Operating junction temperature, TJ
–40
27
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
5.4
Thermal Information
THERMAL METRIC(1)
TPS650864xx
UNIT
RSK (VQFN)
64 PINS
RθJA
Junction-to-ambient thermal resistance
25.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
11.3
°C/W
RθJB
Junction-to-board thermal resistance
4.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.7
°C/W
5.5
Electrical Characteristics: Total Current Consumption
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISD
PMIC shutdown current that includes IQ for
references, LDO5, LDO3P3, and digital core
VSYS = 13 V, all functional output rails
are disabled
65
µA


Número de pieza similar - TPS65086470RSKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65086470RSKT TI1-TPS65086470RSKT Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS65086470RSKT TI1-TPS65086470RSKT Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
More results

Descripción similar - TPS65086470RSKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
logo
Agilent(Hewlett-Packard...
N5406A HP-N5406A Datasheet
1,009Kb / 9P
   FPGA Dynamic Probe for Xilinx
MSO8000 HP-MSO8000 Datasheet
928Kb / 8P
   FPGA Dynamic Probe for Xilinx
logo
Texas Instruments
TPS657120 TI1-TPS657120 Datasheet
2Mb / 63P
[Old version datasheet]   PMU for Baseband and RF-PA Power
logo
Xilinx, Inc
DS071 XILINX-DS071 Datasheet
172Kb / 20P
   Radiation-hardened FPGAs for space and satellite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com