Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMC1982CIN Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMC1982CIN
Descripción Electrónicos  Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1982CIN Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC1982CIN Datasheet HTML 6Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 7Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 8Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 9Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 10Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 11Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 12Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 13Page - National Semiconductor (TI) LMC1982CIN Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
The bass turn-over frequency is nominally
when maximum boost is chosen. The inflection points (the
frequencies where the boost or cut is within 3 dB of the final
value) are for treble and bass
Increasing the values of C2 and C3 decreases the turnover
and inflection frequencies: i.e., the Tone Control Response
Curves shown in Typical Performance Curves will shift left
when C2 and C3 are increased and shift right when C2 and
C3 are decreased. With C2 = C3 = 0.0082 µF, 2 dB steps
are achieved at 100 Hz and 10 kHz. Changing C2 and C3 to
0.01 µF shifts the 2 dB per step frequency to 72 Hz and
8.3 kHz. If the tone control capacitors size is decreased
these frequencies will increase. With C2 = C3 = 0.0068 µF
the 2 dB steps take place at 130 Hz and 11.2 kHz.
LOUDNESS
The human ear has less sensitivity to high and low frequen-
cies relative to its sensitivity to mid-range frequencies be-
tween 2 kHz and 6 kHz for any given acoustic level. The low
and high frequency sensitivity decreases faster than the sen-
sitivity to the mid-range frequencies as the acoustic level
drops. The LMC1982’s loudness function can be used to
help compensate for the decreased sensitivity by boosting
the gain at low and high frequencies as the volume control
attenuation increases (see the curve labeled “Gain vs Fre-
quency with Loudness Active”).
The LMC1982’s loudness function uses external compo-
nents R1, R2, C4 and C5, as shown in
Figure 5, to select the
frequencies where bass and treble boost begin. The amount
of boost is dependent on the volume attenuator’s setting.
The loudness characteristic, with the volume attenuator set
at 40 dB, has a transfer function of
The external components R1 and C4 can be eliminated and
pin 10(19) left open if bass boost is the only desired loud-
ness characteristic.
DS011028-7
FIGURE 3. System Block Diagram Utilizing the External Processing Loop (One Channel Shown)
DS011028-8
FIGURE 4. The Tone Control Amplifier
www.national.com
10


Número de pieza similar - LMC1982CIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1983CIN NSC-LMC1983CIN Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1983CIV NSC-LMC1983CIV Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
More results

Descripción similar - LMC1982CIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1992 NSC-LMC1992 Datasheet
260Kb / 14P
   LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
NXP Semiconductors
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
   Stereo-tone/volume control circuit
May 1992
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
   Stereo-tone/volume control circuit
September 1987
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
   Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
   4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
   3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com