Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA-160-24-02-00-00 Datasheet(PDF) 3 Page - Laird Tech Smart Technology

No. de pieza LA-160-24-02-00-00
Descripción Electrónicos  Compact form factor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-160-24-02-00-00 Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  LA-160-24-02-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LA-160-24-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-160-24-02-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 LA‐160‐24‐02‐00‐00 
Liquid‐to‐Air Thermoelectric Assembly 
 
THR‐DS‐LA‐160‐24‐00‐00_121715 
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use 
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses.  Laird makes no warranties as to the fitness, 
merchantability or suitability of any Laird materials or products for any specific or general uses.  Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be 
liable for incidental or consequential damages of any kind.  All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time 
to time, a copy of which will be furnished upon request.  © Copyright 2014 Laird Technologies, Inc.  All Rights Reserved.  Laird, Laird Technologies, the Laird Logo, and other 
marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof.  Other product or service names may be the property of third 
parties.  Nothing herein provides a license under any Laird or any third party intellectual property rights. 
 
 
 
MECHANICAL DRAWING 
 
 
 
 
  
 
 
 
 
Note: 
For overheating protection, the cooler is equipped with a bimetal 
thermostat. The maximum rating for the thermostat is 8 A dc. For systems 
with 8 A or less, the thermostat can be connected directly in series with 
the thermoelectric modules (TEMs). Otherwise, connect the TEMs to the 
power source through a relay of suitable rating which state is controlled 
with the bimetal thermostat. 
Turbulators are mounted inside liquid channels to turbulate flow 
Cold block requires insulation to minimize moisture buildup under dew 
point conditions. 


Número de pieza similar - LA-160-24-02-00-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LA-10-100 ETC2-LA-10-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-10-100 ETC2-LA-10-100 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-10-50 ETC2-LA-10-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-10-50 ETC2-LA-10-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-100-100 ETC2-LA-100-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
More results

Descripción similar - LA-160-24-02-00-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com